Electronic Components Datasheet Search
  English  ▼

X  

AP7312 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7312
Description  DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7312 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7312 Datasheet HTML 8Page - Diodes Incorporated AP7312 Datasheet HTML 9Page - Diodes Incorporated AP7312 Datasheet HTML 10Page - Diodes Incorporated AP7312 Datasheet HTML 11Page - Diodes Incorporated AP7312 Datasheet HTML 12Page - Diodes Incorporated AP7312 Datasheet HTML 13Page - Diodes Incorporated AP7312 Datasheet HTML 14Page - Diodes Incorporated AP7312 Datasheet HTML 15Page - Diodes Incorporated AP7312 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP7312
DUAL 150mA LOW QUIESCENT CURRENT FAST
TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7312
Document number: DS35133 Rev. 1 - 2
12 of 18
www.diodes.com
December 2010
© Diodes Incorporated
Application Note
Input Capacitor
A 1
μF ceramic capacitor is recommended between IN and GND pins to decouple input power supply glitch and noise. The
amount of the capacitance may be increased without limit. This input capacitor must be located as close as possible to the
device to assure input stability and reduce noise. For PCB layout, a wide copper trace is required for both IN and GND pins.
A lower ESR capacitor type allows the use of less capacitance, while higher ESR type requires more capacitance.
Output Capacitor
The output capacitor is required to stabilize and improve the transient response of the LDO. The AP7312 is stable with very
small ceramic output capacitors. Using a ceramic capacitor value that is at least 1
μF with ESR
≧10mΩ on the output ensures
stability. Higher capacitance values help to improve line and load transient response. The output capacitance may be
increased to keep low undershoot and overshoot. Output capacitor must be placed as close as possible to OUT and GND
pins.
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
20
50
100
150
Load Current (mA)
No Load Stability
Other than external resistor divider, no minimum load is required to keep the device stable. The device will remain stable and
regulated in no load condition.
ON/OFF Input Operation
The AP7312 is turned on by setting the EN pin high, and is turned off by pulling it low. If this feature is not used, the EN pin
should be tied to IN pin to keep the regulator output on at all time. To ensure proper operation, the signal source used to drive
the EN pin must be able to swing above and below the specified turn-on/off voltage thresholds listed in the Electrical
Characteristics section under VIL and VIH.
Unstable Range
Stable Range
Unstable Range
CIN=COUT1= COUT2=1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com