Electronic Components Datasheet Search
  English  ▼

X  

AP7312 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP7312
Description  DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7312 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP7312 Datasheet HTML 10Page - Diodes Incorporated AP7312 Datasheet HTML 11Page - Diodes Incorporated AP7312 Datasheet HTML 12Page - Diodes Incorporated AP7312 Datasheet HTML 13Page - Diodes Incorporated AP7312 Datasheet HTML 14Page - Diodes Incorporated AP7312 Datasheet HTML 15Page - Diodes Incorporated AP7312 Datasheet HTML 16Page - Diodes Incorporated AP7312 Datasheet HTML 17Page - Diodes Incorporated AP7312 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AP7312
DUAL 150mA LOW QUIESCENT CURRENT FAST
TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7312
Document number: DS35133 Rev. 1 - 2
15 of 18
www.diodes.com
December 2010
© Diodes Incorporated
Marking Information
(1) SOT26
1
2
3
6
4
( Top View )
XXX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal Code
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
5
Y W X
XXX
(2) DFN2018-6
( Top View )
Y : Year : 0~9
XXX : Identification code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
X : A~Z : Internal Code
Y W X
XXX
Device
Package
Package
Identification Code
AP7312-1218
SOT26
DFN2018-6
CAS
AP7312-1233
SOT26
DFN2018-6
CAZ
AP7312-1525
SOT26
DFN2018-6
CA6
AP7312-1533
SOT26
DFN2018-6
CBC
AP7312-1828
SOT26
DFN2018-6
CBK
AP7312-1830
SOT26
DFN2018-6
CBN
AP7312-1833
SOT26
DFN2018-6
CBR
AP7312-3333
SOT26
DFN2018-6
CEA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com