Electronic Components Datasheet Search
  English  ▼

X  

AP7333 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7333
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7333 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7333 Datasheet HTML 2Page - Diodes Incorporated AP7333 Datasheet HTML 3Page - Diodes Incorporated AP7333 Datasheet HTML 4Page - Diodes Incorporated AP7333 Datasheet HTML 5Page - Diodes Incorporated AP7333 Datasheet HTML 6Page - Diodes Incorporated AP7333 Datasheet HTML 7Page - Diodes Incorporated AP7333 Datasheet HTML 8Page - Diodes Incorporated AP7333 Datasheet HTML 9Page - Diodes Incorporated AP7333 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP7333
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7333 Rev. 2
6 of 12
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Quiescent Current vs Input Voltage
Iload=0mA
48
50
52
54
56
58
60
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6
Input Voltage (V)
Line Regulation (% /V)
-0.1
-0.06
-0.02
0.02
0.06
0.1
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Load Regulation (% )
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
50
100
150
200
250
300
Output Current (mA)
Dropout Voltage
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
Output Current (mA)
Short Circuit vs Input Voltage
75
80
85
90
95
100
105
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Current Limit vs Input Voltage
400
450
500
550
600
3.5
4
4.5
5
5.5
6
Input Voltage (V)
90℃
-45℃
25℃
-45℃
90℃
25℃
25℃
-45℃
90℃
90℃
-45℃
25℃
90℃
25℃
-45℃
Vout=2.5V
Vout=2.5V
Vin=Vout +1V
Vout=2.5V
Vin=Vout +1V
Vout=2.5V
Vout=2.5V
Ta=25℃
Vout=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com