Electronic Components Datasheet Search
  English  ▼

X  

AP7333 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7333
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7333 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7333 Datasheet HTML 4Page - Diodes Incorporated AP7333 Datasheet HTML 5Page - Diodes Incorporated AP7333 Datasheet HTML 6Page - Diodes Incorporated AP7333 Datasheet HTML 7Page - Diodes Incorporated AP7333 Datasheet HTML 8Page - Diodes Incorporated AP7333 Datasheet HTML 9Page - Diodes Incorporated AP7333 Datasheet HTML 10Page - Diodes Incorporated AP7333 Datasheet HTML 11Page - Diodes Incorporated AP7333 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP7333
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7333 Rev. 2
10 of 12
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOT23 and SOT23R
1
2
3
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7333-10SA
SOT23
JR
AP7333-12SA
SOT23
JS
AP7333-15SA
SOT23
JT
AP7333-18SA
SOT23
JU
AP7333-20SA
SOT23
JV
AP7333-25SA
SOT23
JW
AP7333-28SA
SOT23
JX
AP7333-30SA
SOT23
JY
AP7333-33SA
SOT23
JZ
AP7333-10SR
SOT23R
RA
AP7333-12SR
SOT23R
RB
AP7333-15SR
SOT23R
RC
AP7333-18SR
SOT23R
RD
AP7333-20SR
SOT23R
RE
AP7333-25SR
SOT23R
RF
AP7333-28SR
SOT23R
RG
AP7333-30SR
SOT23R
RH
AP7333-33SR
SOT23R
RJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com