Electronic Components Datasheet Search
  English  ▼

X  

AP7333 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7333
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7333 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7333 Datasheet HTML 1Page - Diodes Incorporated AP7333 Datasheet HTML 2Page - Diodes Incorporated AP7333 Datasheet HTML 3Page - Diodes Incorporated AP7333 Datasheet HTML 4Page - Diodes Incorporated AP7333 Datasheet HTML 5Page - Diodes Incorporated AP7333 Datasheet HTML 6Page - Diodes Incorporated AP7333 Datasheet HTML 7Page - Diodes Incorporated AP7333 Datasheet HTML 8Page - Diodes Incorporated AP7333 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP7333
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7333 Rev. 2
1 of 12
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
•
300mA Low Dropout Regulator in 3-pin package
•
Very low IQ over full load: 65µA
•
Wide input voltage range: 2V to 6V
•
Fixed output options: 1.0V to 3.3V
•
PSRR: 65dB typical at 100Hz
•
Fast start-up time: 80µs
•
Stable with low ESR, 1µF ceramic output capacitor
•
Excellent Load/Line Transient Response
•
Low dropout: 300mV typical at 300mA
•
Current limit protection
•
Short circuit protection
•
Thermal shutdown protection
•
Ambient temperature range: -40ºC to 85°C
•
SOT23 and SOT23R: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The AP7333 is a 300mA, fixed output voltage, low dropout linear
regulator. The device included pass element, error amplifier,
band-gap, current limit and thermal shutdown circuitry.
The characteristics of low dropout voltage and low quiescent
current make it suitable for low power applications, for example,
battery powered devices. The typical quiescent current is
approximately 65
μA.
Built-in current-limit and thermal-shutdown functions prevent IC
from damage in fault conditions.
The AP7333 is available in SOT23 packages with different
pin-outs.
Applications
•
XDSL Router
•
Wireless LAN Cards
•
Desktop and Notebook Computers
•
Battery Powered Equipments
•
Mouse, Keyboards
Typical Application Circuit
1uF
IN
GND
OUT
1uF
VIN
VOUT
AP7333
Features
Description


Similar Part No. - AP7333

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
AP7333-10SAG-7 DIODES-AP7333-10SAG-7 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
AP7333-10SRG-7 DIODES-AP7333-10SRG-7 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
AP7333-12SAG-7 DIODES-AP7333-12SAG-7 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
AP7333-12SRG-7 DIODES-AP7333-12SRG-7 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
More results

Similar Description - AP7333

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com