Electronic Components Datasheet Search
  English  ▼

X  

AP7333 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7333
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7333 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7333 Datasheet HTML 4Page - Diodes Incorporated AP7333 Datasheet HTML 5Page - Diodes Incorporated AP7333 Datasheet HTML 6Page - Diodes Incorporated AP7333 Datasheet HTML 7Page - Diodes Incorporated AP7333 Datasheet HTML 8Page - Diodes Incorporated AP7333 Datasheet HTML 9Page - Diodes Incorporated AP7333 Datasheet HTML 10Page - Diodes Incorporated AP7333 Datasheet HTML 11Page - Diodes Incorporated AP7333 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP7333
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7333 Rev. 2
8 of 12
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Load Transient Response
Time (200us/div)
Load Transient Response
Time (200us/div)
Start-Up Time (No Load)
Time (50us/div)
Start-Up Time (300mA Load)
Time (50us/div)
Vin=0 to 3.5V (1V/div)
Cin=Cout=1uF
Vout=2.5V (1V/div)
Vout=1V
(100mV/div)
Iout=1mA to 300mA
(100mA/div)
Tr=Tf=10us
Vin=3.5V
Iout=1mA to 300mA
(100mA/div)
Tr=Tf=10us
Vin=2V
Vout=2.5V
(100mV/div)
Vout=2.5V (1V/div)
Iout (300mA/div)
Vin=0 to 3.5V (1V/div)
Cin=Cout=1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com