Electronic Components Datasheet Search
  English  ▼

X  

AP7361 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7361
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7361 Datasheet HTML 5Page - Diodes Incorporated AP7361 Datasheet HTML 6Page - Diodes Incorporated AP7361 Datasheet HTML 7Page - Diodes Incorporated AP7361 Datasheet HTML 8Page - Diodes Incorporated AP7361 Datasheet HTML 9Page - Diodes Incorporated AP7361 Datasheet HTML 10Page - Diodes Incorporated AP7361 Datasheet HTML 11Page - Diodes Incorporated AP7361 Datasheet HTML 12Page - Diodes Incorporated AP7361 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AP7361
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE
REGULATOR WITH ENABLE
AP7361
Document number: DS33626 Rev. 1 - 2
9 of 15
www.diodes.com
December 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Load Regulation
-0.9
-0.6
-0.3
0.0
0.3
0.6
0.9
0
200
400
600
800
1000
Output Current(mA)
Line Regulation
-0.2
-0.1
0.0
0.1
0.2
44.555.56
Input Voltage(V)
Input Quiescent Current vs Temperature
0
20
40
60
80
-50
-25
0
25
50
75
100
125
Temperature(℃)
Input Quiescent Current vs Input Voltage
0
20
40
60
80
4
4.555.5
6
Input Voltage(V)
25°C
85°C
-40°C
VIN=VEN=4.3V
VOUT=3.3V
VOUT=3.3V
IOUT=100mA
85°C
-40°C
25°C
VIN=VEN=4.3V
IOUT=0mA
TA=25°C
IOUT=0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com