Electronic Components Datasheet Search
  English  ▼

X  

AP7361 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7361
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7361 Datasheet HTML 1Page - Diodes Incorporated AP7361 Datasheet HTML 2Page - Diodes Incorporated AP7361 Datasheet HTML 3Page - Diodes Incorporated AP7361 Datasheet HTML 4Page - Diodes Incorporated AP7361 Datasheet HTML 5Page - Diodes Incorporated AP7361 Datasheet HTML 6Page - Diodes Incorporated AP7361 Datasheet HTML 7Page - Diodes Incorporated AP7361 Datasheet HTML 8Page - Diodes Incorporated AP7361 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP7361
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE
REGULATOR WITH ENABLE
AP7361
Document number: DS33626 Rev. 1 - 2
1 of 15
www.diodes.com
December 2010
© Diodes Incorporated
Description
The AP7361 is a 1A, adjustable and fixed output voltage,
ultra-low dropout linear regulator with enable. The device
includes pass element, error amplifier, band-gap reference,
current limit and thermal shutdown circuitry. The device is
turned on when EN pin is set to logic high level.
The characteristics of the low dropout voltage and low
quiescent current make it suitable for low to medium power
applications, for example, laptop computers, audio and video
applications, and battery powered devices. The typical
quiescent current is approximately 70µA. Built-in current-limit
and thermal-shutdown functions prevent IC from damage in
fault conditions.
The AP7361 is available in DFN3030E-8 package.
Applications
•
Servers and laptops
•
FPGA and DSP core or I/O power
•
TV, and home electrical appliances
•
Battery-powered devices
Note:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS
exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
Pin Assignments
(Top View)
GND
OUT
IN
1
2
NC
3
4
6
5
8
7
EN
ADJ/NC
NC
NC
DFN3030E-8
GND
Features
•
Wide input voltage range: 2.2V – 6V
•
150mV very low dropout at 300mA load
•
500mV very low dropout at 1A load
•
Low quiescent current (IQ): 70µA typical
•
Adjustable output voltage range: 1V to 5.0V
•
Fixed output options: 1V to 3.3V
•
Very fast transient response
•
High PSRR
•
Accurate voltage regulation
•
Current limiting and short circuit protection
•
Thermal shutdown protection
•
Stable with ceramic output capacitor
≥ 2.2µF
•
Ambient temperature range -40ºC to 85 ºC
•
DFN3030E-8: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Typical Application Circuit
1uF
IN
GND
EN
OUT
Enable
4.7uF
VIN
VOUT
AP7361
Fixed Output
1uF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
4.7uF
VIN
VOUT
AP7361
Adjustable Output


Similar Part No. - AP7361

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361-10 DIODES-AP7361-10 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
AP7361-12 DIODES-AP7361-12 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-15 DIODES-AP7361-15 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-18 DIODES-AP7361-18 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
More results

Similar Description - AP7361

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP7361C DIODES-AP7361C Datasheet
1Mb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 2
AP7361 DIODES-AP7361_17 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com