Electronic Components Datasheet Search
  English  ▼

X  

AP7361 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7361
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7361 Datasheet HTML 1Page - Diodes Incorporated AP7361 Datasheet HTML 2Page - Diodes Incorporated AP7361 Datasheet HTML 3Page - Diodes Incorporated AP7361 Datasheet HTML 4Page - Diodes Incorporated AP7361 Datasheet HTML 5Page - Diodes Incorporated AP7361 Datasheet HTML 6Page - Diodes Incorporated AP7361 Datasheet HTML 7Page - Diodes Incorporated AP7361 Datasheet HTML 8Page - Diodes Incorporated AP7361 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP7361
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE
REGULATOR WITH ENABLE
AP7361
Document number: DS33626 Rev. 1 - 2
2 of 15
www.diodes.com
December 2010
© Diodes Incorporated
Pin Descriptions
Pin
Name
Pin Number
Description
DFN3030E-8
IN
8
The input of the regulator. Bypass to ground through at least 1µF ceramic
capacitor.
OUT
1
The output of the regulator. Bypass to ground through at least 2.2µF ceramic
capacitor. For improved ac load response a larger capacitor is recommended.
GND
4
Ground.
ADJ
3
Adjustable voltage version only – a resistor divider from this pin to the OUT pin
and ground sets the output voltage.
EN
5
Enable input, active high.
NC
2, 6, 7
No connection.
Functional Block Diagram
IN
EN
GND
OUT
Gate
Driver
0.8V
Current Limit
and Thermal
Shutdown
Fixed Version
R
R
IN
EN
GND
ADJ
OUT
Gate
Driver
0.8V
Current Limit
and Thermal
Shutdown
Adjustable Version
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
> 2
KV
ESD MM
Machine Model ESD Protection
> 200
V
VIN
Input Voltage
6.5
V
OUT, ADJ, EN Voltage
VIN + 0.3
V
TJ
Operating Junction Temperature Range
-40 ~ 150
°C
TST
Storage Temperature Range
-65 ~150
°C
PD
Power Dissipation (Note 2)
Internally limited by maximum
junction temperature of 150°C
PD
Power Dissipation (Note 2)
DFN3030E-8
1700
mW
Note:
2. Ratings apply to ambient temperature at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com