Electronic Components Datasheet Search
  English  ▼

X  

AP7361 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7361
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7361 Datasheet HTML 1Page - Diodes Incorporated AP7361 Datasheet HTML 2Page - Diodes Incorporated AP7361 Datasheet HTML 3Page - Diodes Incorporated AP7361 Datasheet HTML 4Page - Diodes Incorporated AP7361 Datasheet HTML 5Page - Diodes Incorporated AP7361 Datasheet HTML 6Page - Diodes Incorporated AP7361 Datasheet HTML 7Page - Diodes Incorporated AP7361 Datasheet HTML 8Page - Diodes Incorporated AP7361 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP7361
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE
REGULATOR WITH ENABLE
AP7361
Document number: DS33626 Rev. 1 - 2
3 of 15
www.diodes.com
December 2010
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input voltage
2.2
6.0
V
IOUT
Output Current (Note 3)
0
1.0
A
TA
Operating Ambient Temperature
-40
85
°C
Note:
3. The device maintains a stable, regulated output voltage without a load current. When the output current is large, attention should be
given to the limitation of the package power dissipation.
Electrical Characteristics
(TA = 25
oC, V
IN = VOUT +1V, CIN = 1μF, COUT = 4.7μF, VEN = VIN, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VREF
FB reference voltage
IOUT = 10mA, TA = 25°C
0.8
V
IADJ
ADJ pin leakage
0.1
0.5
µA
IQ
Input Quiescent Current
Enabled, IOUT = 0A
70
90
µA
ISHDN
Input Shutdown Current
VEN = 0V, IOUT = 0A
-1
0.05
1
µA
VOUT
Output Voltage Accuracy
IOUT = 100mA, TA = 25°C
-1
1
%
IOUT = 100mA, -40°C ≤ TA ≤ 85°C
-2
2
Over VIN, IOUT, and TA
-3
±0.5
3
OUT
V
ΔVIN
ΔVOUT
×
Line Regulation
VIN = VOUT +1V to
6V, IOUT = 100mA
TA = 25°C
0.01
0.1
%/V
-40
°C ≤T
A ≤ 85°C
0.2
ΔV
OUT / VOUT
Load Regulation
IOUT from 1mA to 300mA
-1.0
0.5
1.0
%
IOUT from 1mA to 1A
-1.0
0.5
1.0
%
VDropout
Dropout Voltage (Note 4)
IOUT = 300mA
150
200
mV
IOUT = 500mA
250
350
IOUT = 1A
500
700
VIL
EN Input Logic Low Voltage
0
0.3
V
VIH
EN Input Logic High Voltage
1.0
VIN
V
IEN
EN Input leakage
VIN = 6V, VEN = 0V or 6V
-0.1
0.01
0.1
µA
ILIMIT
Current limit
VIN = VOUT +1V
1.1
1.5
A
ISHORT
Short-circuit Current
VIN = VOUT +1V,
Output Voltage < 25% Vout
200
mA
PSRR
Power Supply Rejection Ratio
(Note 5)
f = 1KHz, IOUT = 100mA
60
65
dB
f = 10KHz, IOUT = 100mA
45
tST
Start-up Time
VOUT = 3V, COUT = 1µF, RL = 30Ω
200
µs
VOUT
A
ΔT
ΔVOUT
×
Output voltage temperature
coefficient
IOUT = 100mA, -40°C ≤ TA ≤ 85°C
±130
ppm/
°C
TSHDN
Thermal shutdown threshold
150
°C
THYS
Thermal shutdown hysteresis
20
°C
θJA
Thermal Resistance Junction-to-
Ambient
DFN3030E-8 (Note 6)
70
oC/W
Notes:
4. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its
nominal value. This parameter only applies to output voltages above 1.5V since minimum VIN = 2.2V.
5. For VIN ≥ 2.5V and VIN = VOUT + 1V. For VIN < 2.5V, the PSRR performance may be reduced.
6. Test condition for DFN3030E-8: Device mounted on 2"x2", FR-4 substrate PCB, with minimum recommended pad on top layer
and thermal vias to bottom layer ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com