Electronic Components Datasheet Search
  English  ▼

X  

ZXLD383 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD383
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD383 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD383 Datasheet HTML 1Page - Diodes Incorporated ZXLD383 Datasheet HTML 2Page - Diodes Incorporated ZXLD383 Datasheet HTML 3Page - Diodes Incorporated ZXLD383 Datasheet HTML 4Page - Diodes Incorporated ZXLD383 Datasheet HTML 5Page - Diodes Incorporated ZXLD383 Datasheet HTML 6Page - Diodes Incorporated ZXLD383 Datasheet HTML 7Page - Diodes Incorporated ZXLD383 Datasheet HTML 8Page - Diodes Incorporated ZXLD383 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXLD383
ZXLD383
Document number: DS32189 Rev. 3 - 2
5 of 10
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics
0
10
20
30
40
50
60
70
80
90
0.8
1
1.2
1.4
1.6
1.8
2
V
(V)
I
vs. V
CC
O UT(AVERAG E)
CC
4.7µH
6.8µH
10µH
22µH
47µH
0
10
20
30
40
50
60
70
80
90
100
0.8
1
1.2
1.4
1.6
1.8
2
V
(V)
Efficiency vs. V
for L = 2.2µH to 47µH
CC
CC
4.7µH
6.8µH
10µH
22µH
47µH
0
50
100
150
200
250
0.8
1
1.2
1.4
1.6
1.8
2
V
(V)
I
vs. V
CC
IN
C C
4.7µH
6.8µH
10µH
22µH
47µH
0
50
100
150
200
250
300
350
400
450
500
0.8
1
1.2
1.4
1.6
1.8
2
V
(V)
Peak I
vs. V
CC
IN
CC
4.7µH
6.8µH
10µH
22µH
47µH
Notes:
VLED = 3.5V for all graphs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com