Electronic Components Datasheet Search
  English  ▼

X  

ZXLD383 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD383
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD383 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD383 Datasheet HTML 1Page - Diodes Incorporated ZXLD383 Datasheet HTML 2Page - Diodes Incorporated ZXLD383 Datasheet HTML 3Page - Diodes Incorporated ZXLD383 Datasheet HTML 4Page - Diodes Incorporated ZXLD383 Datasheet HTML 5Page - Diodes Incorporated ZXLD383 Datasheet HTML 6Page - Diodes Incorporated ZXLD383 Datasheet HTML 7Page - Diodes Incorporated ZXLD383 Datasheet HTML 8Page - Diodes Incorporated ZXLD383 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZXLD383
ZXLD383
Document number: DS32189 Rev. 3 - 2
3 of 10
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)
-0.6 to 6
V
Output Voltage (VOUT)
-0.6 to 20
V
Enable Voltage (VENA)
-1 to 3.5
V
Supply Current
20
mA
Output Switch Current
800
mA
Power Dissipation (TSOT23-3)
450
mW
Power Dissipation Die
1
W
Operating Temperature Range
-20 to 85
°C
Storage Temperature Range
-55 to 150
°C
Electrical Characteristics Measured at TAMB = 25°C, L = 6.8µH, IENA = 0 and VCC = 1.5V unless otherwise specified.
Parameter
Conditions
Limits
Units
Min
Typ.
Max
Supply Voltage Operating Range
L = 10
μH
0.9
3.3
V
Minimum Supply Start-up Voltage
L = 10
μH
0.8
0.9
V
Supply Current Quiescent
2
4
8
mA
Supply Current Shutdown
VENA = VCC – 0.8V
17
30
µA
Supply Current Under-Voltage
VCC = 0.6V
20
µA
Switch Current
At turn-off
250
320
400
mA
Switch Saturation Voltage
IOUT = 200mA
100
300
mV
Switch Leakage Current
VOUT = 20V, VENA = 0V
10
µA
Mean LED Current
VLED = 3.5V
40
50
65
mA
Efficiency
VLED = 3.5V
85
%
Operating Frequency
VLED = 3.5V
330
kHz
Discharge Pulse Width
0.7
1.5
2.5
µs
Enable Input Threshold
VCC - 0.8
VCC - 0.6
VCC - 0.2
V
Enable Input Current
VENA = 0.2V
0
-11
-20
µA
Enable Input Voltage
IENA = -20mA
0
-90
-250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com