Electronic Components Datasheet Search
  English  ▼

X  

ZXLD383 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD383
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD383 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD383 Datasheet HTML 1Page - Diodes Incorporated ZXLD383 Datasheet HTML 2Page - Diodes Incorporated ZXLD383 Datasheet HTML 3Page - Diodes Incorporated ZXLD383 Datasheet HTML 4Page - Diodes Incorporated ZXLD383 Datasheet HTML 5Page - Diodes Incorporated ZXLD383 Datasheet HTML 6Page - Diodes Incorporated ZXLD383 Datasheet HTML 7Page - Diodes Incorporated ZXLD383 Datasheet HTML 8Page - Diodes Incorporated ZXLD383 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXLD383
ZXLD383
Document number: DS32189 Rev. 3 - 2
2 of 10
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Block Diagram
Fig 1. ZXLD383 Block Diagram
Pin Description
Pin No.
Name
Description
1
ENA
Enable / Photodiode array battery charge input
2
GND
Ground
3
NC
Not connected (internally open circuit)
4
VOUT
Switch output external inductor/LED
5
VCC
Supply voltage, generally Alkaline, NiMH or NiCd single cell
Z XLD 383
GN D
VO U T
VC C
L1
NI MH
1. 2V
LE D
Coff
Con
Puls e
Control
Rs ens e
Dc h
EN A
D iode Array



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com