Electronic Components Datasheet Search
  English  ▼

X  

ZXLD383 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD383
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD383 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD383 Datasheet HTML 1Page - Diodes Incorporated ZXLD383 Datasheet HTML 2Page - Diodes Incorporated ZXLD383 Datasheet HTML 3Page - Diodes Incorporated ZXLD383 Datasheet HTML 4Page - Diodes Incorporated ZXLD383 Datasheet HTML 5Page - Diodes Incorporated ZXLD383 Datasheet HTML 6Page - Diodes Incorporated ZXLD383 Datasheet HTML 7Page - Diodes Incorporated ZXLD383 Datasheet HTML 8Page - Diodes Incorporated ZXLD383 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ZXLD383
ZXLD383
Document number: DS32189 Rev. 3 - 2
1 of 10
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
SINGLE OR MULTI CELL LED DRIVER SOLUTION
Summary
The ZXLD383 is a single or multi cell LED driver designed for applications requiring step-up voltage conversion from a very
low input voltage. The IC generates constant current pulses that are ideal for driving single or multiple LEDs over a wide
range of operating voltages. It includes an on/off enable input that can be driven directly from a photocell array or an open
collector/drain logic output. The enable input features an ultra-low voltage drop diode to ground, eliminating the need for a
photocell array isolation diode in Garden Light applications.
The ZXLD383 uses a PFM control technique to drive an internal switching transistor which exhibits a low saturation
resistance. This ensures high efficiency, even for input voltages as low as 1.0V.
The IC can start up under full load and operates down to an input voltage of below 0.9V.
The ZXLD383 is offered in the space saving TSOT23-5 package or in die form, offering an excellent cost vs. performance
solution for single cell LED driving applications.
Features
•
85% Efficiency
•
User adjustable output current
•
Single cell operation
•
Low saturation voltage
•
TSOT23-3 package
•
Available also in die form
•
Simple application circuit
Application
•
Garden lights
•
Door/pathway illumination
•
LED flashlight and torches
•
LED backlights
•
White LED driver
•
Gated boost supply generator
Pin Assignments
TSOT23-3
(Top View)
Typical Application Circuit
ENA 1
2
3
5
4
GND
NC
VCC
VOUT


Similar Part No. - ZXLD383

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
ZXLD383ET5TA ZETEX-ZXLD383ET5TA Datasheet
283Kb / 10P
Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
More results

Similar Description - ZXLD383

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
Single or multi cell LED driver solution
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
Single or Multi Cell LED Driver Solution
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
logo
Diodes Incorporated
ZXLD381 DIODES-ZXLD381 Datasheet
210Kb / 9P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
SEPTEMBER 2007
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
Single or multi cell LED driver solution
SEPTEMBER 2007
logo
Linear Technology
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
Single Cell 350mA LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com