Electronic Components Datasheet Search
  English  ▼

X  

ZXTP26020DMFTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTP26020DMFTA
Description  20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP26020DMFTA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTP26020DMFTA Datasheet HTML 1Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 2Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 3Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 4Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 5Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZXTP26020DMF
Document number: DS32101 Rev. 1 - 2
5 of 6
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP26020DMF
Package Outline Dimensions
Suggested Pad Layout
DFN1411-3
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.02
b
0.25
0.35
0.30
D
1.35 1.475 1.40
D2
0.65
0.85
0.75
E
1.05
1.18
1.10
E2
0.65
0.85
0.75
e
⎯
⎯
0.55
L
0.225 0.325 0.275
L1
⎯
⎯
0.20
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.38
G1
0.15
G2
0.15
X
0.95
X1
0.75
X2
0.40
Y
0.75
C
0.76
C
Y
X1
Z
G1
X
X2
G2
A1
A
EE2
D
D2
L1
L
e
b



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com