Electronic Components Datasheet Search
  English  ▼

X  

ZXTP26020DMFTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP26020DMFTA
Description  20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP26020DMFTA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP26020DMFTA Datasheet HTML 1Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 2Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 3Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 4Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 5Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTP26020DMF
Document number: DS32101 Rev. 1 - 2
4 of 6
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP26020DMF
110
100
-I , COLLECTOR CURRENT (mA)
C
Fig. 1 Typical DC Current Gain vs. Collector Current
10,000
1,000
0
200
400
600
800
1,000
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -2V
CE
110
100
-I , COLLECTOR CURRENT (mA)
C
Fig. 2 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.1
10,000
1,000
0.001
0.01
0.1
1
I/I = 10
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 3 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
10,000
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -5V
CE
0.1
1
10
100
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 4 Typical Base-Emitter Saturation Voltage
vs. Collector Current
1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 10
CB
/I
1
10
100
1,000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 5 Typical Capacitance Characteristics
Cibo
Cobo
f = 1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com