Electronic Components Datasheet Search
  English  ▼

X  

ZXTP26020DMFTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP26020DMFTA
Description  20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP26020DMFTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP26020DMFTA Datasheet HTML 1Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 2Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 3Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 4Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 5Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTP26020DMF
Document number: DS32101 Rev. 1 - 2
2 of 6
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP26020DMF
Maximum Ratings
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-1.25
A
Peak Pulse Current
ICM
-4
A
Base Current(DC)
IB
-0.3
A
Peak Base Current
IBM
-0.6
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
1
W
Power Dissipation (Note 4)
PD
380
mW
Thermal Resistance, Junction to Ambient (Note 3) @ TA = 25°C
RθJA
125
°C/W
Thermal Resistance, Junction to Ambient (Note 4) @ TA = 25°C
RθJA
330
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
3. Device mounted on FR-4 PCB with 1inch square pads.
4. Device mounted on FR-4 PCB with minimum recommended pad layout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com