Electronic Components Datasheet Search
  English  ▼

X  

ZXTP26020DMFTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP26020DMFTA
Description  20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP26020DMFTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP26020DMFTA Datasheet HTML 1Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 2Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 3Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 4Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 5Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZXTP26020DMF
Document number: DS32101 Rev. 1 - 2
1 of 6
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP26020DMF
20V L O W V CE(S AT) PN P SURFACE MOUNTED TR ANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Type Available (ZXTN26020DMF)
•
Low Collector-Emitter Saturation Voltage, VCE(SAT)
•
High Current Gain (hFE) at High IC
•
Surface Mount Package Suited for Automated Assembly
•
Ultra-Small Surface Mount Package
•
Qualified to AEC-Q101 Standards for High Reliability
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
•
“Green” Device (Note 2)
•
ESD rating: 400V-MM, 8KV-HBM
Mechanical Data
•
Case: DFN1411-3
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – NiPdAu over Copper lead frame. Solderable
per MIL-STD-202, Method 208
•
Weight: 0.003 grams (approximate)
Applications
•
MOSFET and IGBT gate driving
•
DC-DC conversion
•
Interface between low voltage IC and Load
•
Load disconnect switch
Ordering Information
Product
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTP26020DMFTA
7
8
3000
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
Marking Information
Date Code Key
Year
2009
2010
2011
2012
2013
2014
2015
2016
Code
W
X
Y
Z
A
B
C
D
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Z2= Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)
Top view
Device Symbol
Bottom view
Pin-Out Top view
Z2
C
E
B


Similar Part No. - ZXTP26020DMFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP26020DMF DIODES-ZXTP26020DMF Datasheet
259Kb / 2P
Industry smallest 1.5A transistor
JUNE 2010
ZXTP26020DMF DIODES-ZXTP26020DMF_15 Datasheet
119Kb / 6P
20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
Rev 1
More results

Similar Description - ZXTP26020DMFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31280 Rev. 2 - 2
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31325 Rev. 3 - 2
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31327 Rev. 3 - 2
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31591 Rev. 2 - 2
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31660 Rev. 2 - 2
DSS5320T DIODES-DSS5320T Datasheet
127Kb / 5P
20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31620 Rev. 2 - 2
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5320T DIODES-DSS5320T_15 Datasheet
127Kb / 5P
20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
ZXTP26020DMF DIODES-ZXTP26020DMF_15 Datasheet
119Kb / 6P
20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
Rev 1
ZXTP56020FDBQ DIODES-ZXTP56020FDBQ Datasheet
407Kb / 7P
20V DUAL PNP LOW VCE(SAT) TRANSISTOR
Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com