Electronic Components Datasheet Search
  English  ▼

X  

AP34063 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP34063 Datasheet HTML 1Page - Diodes Incorporated AP34063 Datasheet HTML 2Page - Diodes Incorporated AP34063 Datasheet HTML 3Page - Diodes Incorporated AP34063 Datasheet HTML 4Page - Diodes Incorporated AP34063 Datasheet HTML 5Page - Diodes Incorporated AP34063 Datasheet HTML 6Page - Diodes Incorporated AP34063 Datasheet HTML 7Page - Diodes Incorporated AP34063 Datasheet HTML 8Page - Diodes Incorporated AP34063 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
5 of 11
JULY 2009
DS31004
www.diodes.com
© Diodes Incorporated
Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
40
V
VIR
Comparator Input Voltage Range
-0.3 ~ +40
V
VC (switch)
Switch Collector Voltage
40
V
VE (switch)
Switch Emitter Voltage (VPin 1 = 40V)
40
V
VCE (switch)
Switch Collector to Emitter Voltage40
V
VC (driver)
Driver Collector Voltage
40
V
IC (driver)
Driver Collector Current
100
mA
ISW
Switch Current
1.6
A
PD
Power Dissipation and Thermal
Characteristics
SOP: TA = 25°C
600
mW
PDIP: TA = 25°C
1.25
W
θ
JA
Thermal Resistance
160
°C/W
TMJ
Maximum Junction Temperature
+150
°C
TOP
Operating Junction Temperature Range
0 ~ +105
°C
Tstg
Storage Temperature Range
-65 ~ +150
°C
Notes:
4. Maximum package power dissipation limits must be observed.
5. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
Electrical Characteristics (V
CC = 5.0V, unless otherwise specified)
Symbol
Characteristics
Min
Typ.
Max
Unit
OSCILLATOR
fosc
Frequency (VPin 5 = 0V, CT = 1.0nF, TA = 25°C)
24
33
42
kHz
Ichg
Charge Current (VCC = 5.0V to 40V, TA = 25°C)
24
30
42
µ
A
Idischg
Discharge Current (VCC = 5.0V to 40V, TA = 25°C)
140
200
260
µ
A
Idischg / Ichg
Discharge to Charge Current Ratio (Pin 7 to VCC, TA = 25°C)
5.2
6.5
7.5
-
Vipk (sense)
Current Limit Sense Voltage (Ichg = Idischg, TA = 25°C)
300
400
450
mV
OUTPUT SWITCH (Note 3)
VCE (sat)
Saturation Voltage, Darlington Connection
(ISW = 1.0A, Pins 1,8 connected)
-
1.0
1.3
V
VCE (sat)
Saturation Voltage, Darlington Connection
(ISW = 1.0A, ID = 50mA, Forced ß ≈ 20)
-
0.45
0.7
V
hFE
DC Current Gain (ISW = 1.0A, VCE = 5.0V, TA = 25°C)
50
75
-
-
IC (off)
Collector Off-State Current (VCE = 40V)
-
0.01
100
µ
A
COMPARATOR
Vth
Threshold Voltage
TA = 25°C
TA = 0
oC ~ 70oC
-
-
-
V
-
1.225
1.25
1.275
-
-
1.21
-
1.29
-
Regline
Threshold Voltage Line Regulation (VCC = 3.0V to 40V)
-
1.4
6.0
mV
TOTAL DEVICE
ICC
Supply Current (VCC = 5.0V to 40V, CT =1.0nF, Pin 7 = VCC, VPin
5 > Vth Pin 2 = Gnd, remaining pins open)
-
-
3.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com