Electronic Components Datasheet Search
  English  ▼

X  

AP34063 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP34063 Datasheet HTML 1Page - Diodes Incorporated AP34063 Datasheet HTML 2Page - Diodes Incorporated AP34063 Datasheet HTML 3Page - Diodes Incorporated AP34063 Datasheet HTML 4Page - Diodes Incorporated AP34063 Datasheet HTML 5Page - Diodes Incorporated AP34063 Datasheet HTML 6Page - Diodes Incorporated AP34063 Datasheet HTML 7Page - Diodes Incorporated AP34063 Datasheet HTML 8Page - Diodes Incorporated AP34063 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
1 of 11
JULY 2009
DS31004
www.diodes.com
© Diodes Incorporated
•
Operation from 3.0V to 40V Input
•
Low Standby Current
•
Current Limiting
•
Output Switch Current to 1.6A
•
Output Voltage Adjustable
•
Frequency Operation to 100 kHz
•
Precision 2% Reference
•
Lead Free packages: SOP-8L and PDIP-8L (Note 1)
•
SOP-8L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 2)
The AP34063 Series is a monolithic control circuit containing the
primary functions required for DC-to-DC converters. These
devices
consist
of
an
internal
temperature
compensated
reference, comparator, controlled duty cycle oscillator with an
active current limit circuit, driver and high current output switch.
This
series
is
specifically
designed
for
incorporating
in
Step-Down and Step-Up and Voltage-Inverting applications with
a minimum number of external components.
Application Circuit
(1) Step-Up Converter
1.25V
Ref
Reg
Ipk
CT
R
SQ
Q2
Q1
Comp.
+
_
8
7
6
5
1
2
3
4
VCC
Osc
180
+
470
uF
Vin
12V
Rsc
0.24
R1
10k 56k
R2
+
CO
28V/200mA
Vout
+
100
Vout
Optional Filter
L
120uH
CT
680
pF
B240
470uF
1.0uH
Test
Conditions
Results
Line Regulation
Vin = 9V to 12V, IO = 200mA
20mV =
±0.035%
Load Regulation
Vin = 12V, IO = 50mA to 200mA
15mV =
±0.035%
Output Ripple
Vin = 12V, IO = 200mA
500mVPP
Efficiency
Vin = 12V, IO = 200mA
80%
Features
Description


Similar Part No. - AP34063

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
logo
Anachip Corp
AP34063A ANACHIP-AP34063A Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
AP34063CN8 ANACHIP-AP34063CN8 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
More results

Similar Description - AP34063

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
Industrial Standard, Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP34063 FOSLINK-FSP34063 Datasheet
222Kb / 10P
UNIVERSAL DC/DC CONVERTER
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
Universal DC To DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com