Electronic Components Datasheet Search
  English  ▼

X  

AP34063 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP34063 Datasheet HTML 3Page - Diodes Incorporated AP34063 Datasheet HTML 4Page - Diodes Incorporated AP34063 Datasheet HTML 5Page - Diodes Incorporated AP34063 Datasheet HTML 6Page - Diodes Incorporated AP34063 Datasheet HTML 7Page - Diodes Incorporated AP34063 Datasheet HTML 8Page - Diodes Incorporated AP34063 Datasheet HTML 9Page - Diodes Incorporated AP34063 Datasheet HTML 10Page - Diodes Incorporated AP34063 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
7 of 11
JULY 2009
DS31004
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Figure 1. Vce(sat) versus le
0.6
0.8
1
1.2
1.4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Ie, Emitter Current (A)
1.24
1.245
1.25
1.255
1.26
0
10
2030
40
506070
80
90
100
Temperature (oC)
Figure 2. Reference Voltage versus Temp.
Figure 4. Standby Supply Current
versus Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
Vcc, Supply Voltage (V)
1.4
1.45
1.5
1.55
1.6
1.65
1.7
1.75
1.8
100
300
500
700
900
1100
1300
1500
I
E
(mA)
Figure 5. Emitter Follower Configuration
Output Saturation Voltage vs. Emitter Current
0.1
1
10
100
1000
0.01
0.1
1
10
C
T, Oscillator Timing Capacitor (nF)
Figure 6.Output Switch On-Off Time versus
Oscillator Timing Capacitor
V
CC = 5.0V
Pin 7 = V
CC
Pin 5 = GND
T
A = 25
oC
t
on
t
off
Vcc=2~10V
Pin1,7,8=Vcc
Pin3,5=GND
T
A=25
oC
Pin2=5
Figure 3. Current Limit Sense Voltage
versus Temperature
320
340
360
380
400
420
440
0
10
203040
50
60
70
80
90
100
Temperature (oC)
≤10W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com