Electronic Components Datasheet Search
  English  ▼

X  

AP34063 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP34063 Datasheet HTML 1Page - Diodes Incorporated AP34063 Datasheet HTML 2Page - Diodes Incorporated AP34063 Datasheet HTML 3Page - Diodes Incorporated AP34063 Datasheet HTML 4Page - Diodes Incorporated AP34063 Datasheet HTML 5Page - Diodes Incorporated AP34063 Datasheet HTML 6Page - Diodes Incorporated AP34063 Datasheet HTML 7Page - Diodes Incorporated AP34063 Datasheet HTML 8Page - Diodes Incorporated AP34063 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
4 of 11
JULY 2009
DS31004
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
Package
Packing
Lead Free
L : Lead Free (Note 1)
S8 : SOP-8L
N8 : PDIP-8L
G : Green
U : Tube
13 : Tape & Reel
AP 34063 XX X - X
Device
Package
Code
Packaging
(Note 3)
Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP34063S8L-13
S8
SOP-8L
NA
NA
2500/Tape & Reel
-13
AP34063S8G-13
S8
SOP-8L
NA
NA
2500/Tape & Reel
-13
AP34063N8L-U
N8
PDIP-8L
60
- U
NA
NA
Notes:
1. PDIP-8L is available in “Lead Free” product only.
2. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
(1) SOP-8L
(2) PDIP-8L
1
2
3
4
8
7
6
5
VCC
Comparator
Inverting
Input
Driver
Collector
I pk
Sense
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
( Top View )
1
2
3
4
8
7
6
5
VCC
Comparator
Inverting
Input
Driver
Collector
I pk
Sense
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
( Top View )
Ordering Information
Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com