Electronic Components Datasheet Search
  English  ▼

X  

STM8L151C6Y3 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 72Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 73Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 74Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 75Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 76Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 77Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 78Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 79Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
76/122
Doc ID 15962 Rev 5
IDD(AH)
Supply current in
Active-halt mode
LSE external
clock
(32.768 kHz)
(8)
LCD OFF(9)
TA = -40 °C to 25 °C
0.5
1.2
μA
TA = 55 °C
0.62
1.4
TA = 85 °C
0.88
2.1
TA = 105 °C
2.1
4.85
TA = 125 °C
4.8
11
LCD ON
(static duty)
(5)
TA = -40 °C to 25 °C
0.85
1.9
TA = 55 °C
0.95
2.2
TA = 85 °C
1.3
3.2
TA = 105 °C
2.3
5.3
TA = 125 °C
5.0
12
LCD ON
(1/4 duty) (6)
TA = -40 °C to 25 °C
1.5
2.5
TA = 55 °C
1.6
3.8
TA = 85 °C
1.8
4.2
TA = 105 °C
2.9
7.0
TA = 125 °C
5.7
14
LCD ON
(1/4 duty/
internal
VLCD)
(7)
TA = -40 °C to 25 °C
3.4
7.6
TA = 55 °C
3.7
8.3
TA = 85 °C
3.9
9.2
TA = 105 °C
5.0
14.5
TA = 125 °C
6.3
15.2
IDD(WUFAH)
Supply current during
wakeup time from
Active-halt mode
(using HSI)
2.4
mA
tWU_HSI(AH)
(10)
(11)
Wakeup time from
Active-halt mode to
Run mode (using HSI)
4.7
6.2
μs
tWU_LSI(AH)
(10)
(11)
Wakeup time from
Active-halt mode to
Run mode (using LSI)
150
μs
1.
No floating I/O, unless otherwise specified.
2.
Based on characterization results, unless otherwise specified.
3.
RTC enabled. Clock source = LSI
4.
Based on Design estimation.
5.
RTC enabled, LCD enabled with external VLCD = 3 V, static duty, division ratio = 256, all pixels active, no LCD connected.
6.
RTC enabled, LCD enabled with external VLCD, 1/4 duty, 1/3 bias, division ratio = 64, all pixels active, no LCD connected.
Table 23.
Total current consumption and timing in Active-halt mode
at VDD = 1.65 V to 3.6 V (continued)
Symbol
Parameter(1)(2)
Conditions
Typ
(1)(2)
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com