Electronic Components Datasheet Search
  English  ▼

X  

STM8L151C6Y3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 9Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 10Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 11Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 12Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 13Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 14Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 15Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 16Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
STM8L151xx, STM8L152xx
Functional overview
Doc ID 15962 Rev 5
13/122
3
Functional overview
Figure 1.
STM8L15xxx device block diagram
1.
Legend:
ADC: Analog-to-digital converter
BOR: Brownout reset
DMA: Direct memory access
DAC: Digital-to-analog converter
I²C: Inter-integrated circuit multimaster interface
IWDG: Independent watchdog
LCD: Liquid crystal display
POR/PDR: Power on reset / power down reset
RTC: Real-time clock
SPI: Serial peripheral interface
SWIM: Single wire interface module
USART: Universal synchronous asynchronous receiver transmitter
WWDG: Window watchdog
16 MHz internal RC
Clock
Clocks
Debug module
SPI1
32 Kbytes
Interrupt controller
2 Kbytes RAM
to core and
peripherals
IWDG
(38 kHz clock)
(SWIM)
Port A
Port B
Port C
I²C1
USART1
Power
VOLT. REG.
Port F
1-16 MHz oscillator
32 kHz oscillator
38 kHz internal RC
LCD driver
4x28
WWDG
STM8 Core
controller
and
CSS
1 Kbyte
Port D
Port E
Beeper
RTC
memory
Program
Data EEPROM
@VDD
VDD18
VDD1 =1.65 V
VSS1
SWIM
SCL, SDA,
MOSI, MISO,
SCK, NSS
RX, TX, CK
ADC1_INx
DAC_OUT
COMP1_INP
COMP 1
COMP 2
COMP2_INP
VDDA
VSSA
SMB
@VDDA/VSSA
Temp sensor
12-bit ADC1
VREF+
VREF-
3.6 V
12-bit DAC
12-bit DAC
NRST
PA[7:0]
PB[7:0]
PC[7:0]
PD[7:0]
PE[7:0]
PF0
BEEP
ALARM, CALIB
SEGx, COMx
POR/PDR
OSC_IN,
OSC_OUT
OSC32_IN,
OSC32_OUT
to
BOR
PVD
PVD_IN
RESET
DMA1
8-bit Timer 4
16-bit Timer 3
16-bit Timer 2
16-bit Timer 1
(4 channels)
2 channels
2 channels
3 channels
COMP2_INM
VLCD = 2.5 V
3.6 V
to
LCD booster
Internal reference
voltage
VREFINT out
VREF+
Infrared interface
IR_TIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com