Electronic Components Datasheet Search
  English  ▼

X  

STM8L151C6Y3 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 37Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 38Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 39Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 40Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 41Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 42Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 43Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 44Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 122 page
background image
STM8L151xx, STM8L152xx
Memory and register map
Doc ID 15962 Rev 5
41/122
0x00 50D0
to
0x00 50D2
Reserved area (3 bytes)
0x00 50D3
WWDG
WWDG_CR
WWDG control register
0x7F
0x00 50D4
WWDG_WR
WWDR window register
0x7F
0x00 50D5
to
00 50DF
Reserved area (11 bytes)
0x00 50E0
IWDG
IWDG_KR
IWDG key register
0x
0x00 50E1
IWDG_PR
IWDG prescaler register
0x00
0x00 50E2
IWDG_RLR
IWDG reload register
0xFF
0x00 50E3
to
0x00 50EF
Reserved area (13 bytes)
0x00 50F0
BEEP
BEEP_CSR1
BEEP control/status register 1
0x00
0x00 50F1
0x00 50F2
Reserved area (2 bytes)
0x00 50F3
BEEP_CSR2
BEEP control/status register 2
0x1F
0x00 50F4
to
0x00 513F
Reserved area (76 bytes)
Table 8.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com