Electronic Components Datasheet Search
  English  ▼

X  

STM8L151C6Y3 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 16Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 17Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 18Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 19Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 20Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 21Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 22Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 23Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 122 page
background image
Functional overview
STM8L151xx, STM8L152xx
20/122
Doc ID 15962 Rev 5
3.10
Digital-to-analog converter (DAC)
●
12-bit DAC with output buffer
●
Synchronized update capability using TIM4
●
DMA capability
●
External triggers for conversion
●
Input reference voltage VREF+ for better resolution
Note:
DAC can be served by DMA1.
3.11
Ultralow power comparators
The STM8L15x embeds two comparators (COMP1 and COMP2) sharing the same current
bias and voltage reference. The voltage reference can be internal or external (coming from
an I/O).
●
One comparator with fixed threshold (COMP1).
●
One comparator rail to rail with fast or slow mode (COMP2). The threshold can be one
of the following:
–
DAC output
–
External I/O
–
Internal reference voltage or internal reference voltage submultiple (1/4, 1/2, 3/4)
The two comparators can be used together to offer a window function. They can wake up
from Halt mode.
3.12
System configuration controller and routing interface
The system configuration controller provides the capability to remap some alternate
functions on different I/O ports. TIM4 and ADC1 DMA channels can also be remapped.
The highly flexible routing interface allows application software to control the routing of
different I/Os to the TIM1 timer input captures. It also controls the routing of internal analog
signals to ADC1, COMP1, COMP2, DAC and the internal reference voltage VREFINT. Finally,
it provides a set of registers for efficiently managing a set of dedicated I/Os supporting up to
16 capacitive sensing channels using the ProxSenseTM technology.
3.13
Timers
STM8L15xxx devices contain one advanced control timer (TIM1), two 16-bit general
purpose timers (TIM2 and TIM3) and one 8-bit basic timer (TIM4).
All the timers can be served by DMA1.
Table 3 compares the features of the advanced control, general-purpose and basic timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com