Electronic Components Datasheet Search
  English  ▼

X  

AD8361ARM Datasheet(PDF) 10 Page - Analog Devices

Part # AD8361ARM
Description  LF to 2.5 GHz TruPwr??Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8361ARM Datasheet HTML 6Page - Analog Devices AD8361ARM Datasheet HTML 7Page - Analog Devices AD8361ARM Datasheet HTML 8Page - Analog Devices AD8361ARM Datasheet HTML 9Page - Analog Devices AD8361ARM Datasheet HTML 10Page - Analog Devices AD8361ARM Datasheet HTML 11Page - Analog Devices AD8361ARM Datasheet HTML 12Page - Analog Devices AD8361ARM Datasheet HTML 13Page - Analog Devices AD8361ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8361
Rev. C | Page 10 of 24
CARRIER FREQUENCY (MHz)
7.8
7.6
6.2
100
1000
7.2
6.6
6.4
7.4
6.8
7.0
6.0
5.8
5.6
VS = 3V
Figure 30. Conversion Gain Change vs. Frequency, Supply 3 V, Ground
Reference Mode, Frequency 100 MHz to 2500 MHz, Representative Device
67mV
370mV
270mV
25mV
500mV PER
VERTICAL
DIVISION
SUPPLY
20
µs PER HORIZONTAL DIVISION
RF
INPUT
Figure 31. Output Response to Gating on Power Supply, for Various RF Input
Levels, Supply 3 V, Modulation Frequency 900 MHz, 0.01 µF Filter Capacitor
R1
75
Ω
732
Ω
50
Ω
0.1
µF
C4
0.01
µF
C2
100pF
HP8648B
SIGNAL
GENERATOR
C1
C3
TEK TDS784C
SCOPE
C5
100pF
TEK P6204
FET PROBE
1
2
3
4
8
7
6
5
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
HP8110A
PULSE
GENERATOR
AD811
Figure 32. Hardware Configuration for Output Response to Power Supply
Gating Measurements
CONVERSION GAIN (V/V rms)
7.6
6.9
7.0
7.2
16
7.4
7.8
14
12
10
8
6
4
2
0
Figure 33. Conversion Gain Distribution Frequency 100 MHz,
Supply 5 V, Sample Size 3000
IREF MODE INTERCEPT (V)
0.40
0.32
0.34
0.36
0.38
0.44
12
10
8
6
4
2
0
0.42
Figure 34. Output Reference, Internal Reference Mode, Supply 5 V,
Sample Size 3000 (MSOP Only)
SREF MODE INTERCEPT (V)
0.72
0.64
0.66
0.68
0.70
0.76
12
10
8
6
4
2
0
0.74
Figure 35. Output Reference, Supply Reference Mode, Supply 5 V,
Sample Size 3000 (MSOP Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com