Electronic Components Datasheet Search
  English  ▼

X  

AD8361ARM Datasheet(PDF) 23 Page - Analog Devices

Part # AD8361ARM
Description  LF to 2.5 GHz TruPwr??Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARM Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8361ARM Datasheet HTML 16Page - Analog Devices AD8361ARM Datasheet HTML 17Page - Analog Devices AD8361ARM Datasheet HTML 18Page - Analog Devices AD8361ARM Datasheet HTML 19Page - Analog Devices AD8361ARM Datasheet HTML 20Page - Analog Devices AD8361ARM Datasheet HTML 21Page - Analog Devices AD8361ARM Datasheet HTML 22Page - Analog Devices AD8361ARM Datasheet HTML 23Page - Analog Devices AD8361ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8361
Rev. C | Page 23 of 24
Problems caused by impedance mismatch may arise using the
evaluation board to examine the AD8361 performance. One
way to reduce these problems is to put a coaxial 3 dB attenuator
on the RFIN SMA connector. Mismatches at the source, cable,
and cable interconnection, as well as those occurring on the
evaluation board, can cause these problems.
A simple (and common) example of such a problem is triple
travel due to mismatch at both the source and the evaluation
board. Here the signal from the source reaches the evaluation
board and mismatch causes a reflection. When that reflection
reaches the source mismatch, it causes a new reflection, which
travels back to the evaluation board, adding to the original
signal incident at the board. The resultant voltage varies with
both cable length and frequency dependence on the relative
phase of the initial and reflected signals. Placing the 3 dB pad at
the input of the board improves the match at the board and thus
reduces the sensitivity to mismatches at the source. When such
precautions are taken, measurements are less sensitive to cable
length and other fixture issues. In an actual application when
the distance between AD8361 and source is short and well
defined, this 3 dB attenuator is not needed.
CHARACTERIZATION SETUPS
Equipment
The primary characterization setup is shown in Figure 72. The
signal source used was a Rohde & Schwarz SMIQ03B, version
3.90HX. The modulated waveforms used for IS95 reverse link,
IS95 nine active channels forward (forward link 18 setting),
and W-CDMA 4-channel and 15-channel were generated using
the default settings coding and filtering. Signal levels were
calibrated into a 50 Ω impedance.
Analysis
The conversion gain and output reference are derived using the
coefficients of a linear regression performed on data collected
in its central operating range (35 mV rms to 250 mV rms). This
range was chosen to avoid areas of operation where offset
distorts the linear response. Error is stated in two forms error
from linear response to CW waveform and output delta from
2°C performance.
The error from linear response to CW waveform is the
difference in output from the ideal output defined by the
conversion gain and output reference. This is a measure of both
the linearity of the device response to both CW and modulated
waveforms. The error in dB uses the conversion gain multiplied
by the input as its reference. Error from linear response to CW
waveform is not a measure of absolute accuracy, since it is
calculated using the gain and output reference of each device.
However, it does show the linearity and effect of modulation on
the device response. Error from 25° C performance uses the
performance of a given device and waveform type as the
reference; it is predominantly a measure of output variation
with temperature.
1
2
3
4
8
7
6
5
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
C1
0.1
µF
R1
75
Ω
RFIN
C3
C4
0.1
µF
C2
100pF
IREF
PWDN
VPOS
SREF
VRMS
Figure 71. Characterization Board
AD8361
CHARACTERIZATION
BOARD
RFIN
PRUP
+VS SREF IREF
VRMS
DC OUTPUT
RF SIGNAL
SMIQ038B
RF SOURCE
IEEE BUS
PC CONTROLLER
DC MATRIX / DC SUPPLIES / DMM
DC SOURCES
3dB
ATTENUATOR
Figure 72. Characterization Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com