Electronic Components Datasheet Search
  English  ▼

X  

AD8361ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD8361ARM
Description  LF to 2.5 GHz TruPwr??Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8361ARM Datasheet HTML 11Page - Analog Devices AD8361ARM Datasheet HTML 12Page - Analog Devices AD8361ARM Datasheet HTML 13Page - Analog Devices AD8361ARM Datasheet HTML 14Page - Analog Devices AD8361ARM Datasheet HTML 15Page - Analog Devices AD8361ARM Datasheet HTML 16Page - Analog Devices AD8361ARM Datasheet HTML 17Page - Analog Devices AD8361ARM Datasheet HTML 18Page - Analog Devices AD8361ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8361
Rev. C | Page 15 of 24
The filter capacitance of the AD8361 can be augmented by
connecting a capacitor between Pin 6 (FLTR) and VPOS. Table 7
shows the effect of several capacitor values for various
communications standards with high peak-to-average ratios
along with the residual ripple at the output, in peak-to-peak and
rms volts. Note that large filter capacitors increase the enable and
pulse response times, as discussed below.
Table 7. Effect of Waveform and CFILT on Residual AC
Output
Residual AC
Waveform
CFILT
V dc
mV p-p
mV rms
IS95 Reverse Link
Open
0.5
550
100
1.0
1000
180
2.0
2000
360
0.01 µF
0.5
40
6
1.0
160
20
2.0
430
60
0.1 µF
0.5
20
3
1.0
40
6
2.0
110
18
IS95 8-Channel
0.01 µF
0.5
290
40
Forward Link
1.0
975
150
2.0
2600
430
0.1 µF
0.5
50
7
1.0
190
30
2.0
670
95
W-CDMA 15
0.01 µF
0.5
225
35
Channel
1.0
940
135
2.0
2500
390
0.1 µF
0.5
45
6
1.0
165
25
2.0
550
80
Operation at Low Frequencies
Although the AD8361 is specified for operation up to 2.5 GHz,
there is no lower limit on the operating frequency. It is only
necessary to increase the input coupling capacitor to reduce the
corner frequency of the input high-pass filter (use an input
resistance of 225 Ω for frequencies below 100 MHz). It is also
necessary to increase the filter capacitor so that the signal at the
output of the squaring circuit is free of ripple. The corner
frequency is set by the combination of the internal resistance of
2 kΩ and the external filter capacitance.
Power Consumption, Enable and Power-On
The quiescent current consumption of the AD8361 varies with
the size of the input signal from about 1 mA for no signal up to
7 mA at an input level of 0.66 V rms (9.4 dBm, re 50 Ω). If the
input is driven beyond this point, the supply current increases
steeply (see Figure 16). There is little variation in quiescent
current with power supply voltage.
The AD8361 can be disabled either by pulling the PWDN
(Pin 4) to VPOS or by simply turning off the power to the
device. While turning off the device obviously eliminates the
current consumption, disabling the device reduces the leakage
current to less than 1 µA. Figure 27 and Figure 28 show the
response of the output of the AD8361 to a pulse on the PWDN
pin, with no capacitance and with a filter capacitance of 0.01 µF,
respectively; the turn-on time is a function of the filter
capacitor. Figure 31 shows a plot of the output response to the
supply being turned on (i.e., PWDN is grounded and VPOS is
pulsed) with a filter capacitor of 0.01 µF. Again, the turn-on
time is strongly influenced by the size of the filter capacitor.
If the input of the AD8361 is driven while the device is disabled
(PWDN = VPOS), the leakage current of less than 1 µA
increases as a function of input level. When the device is
disabled, the output impedance increases to approximately
16 kΩ.
Volts to dBm Conversion
In many of the plots, the horizontal axis is scaled in both rms
volts and dBm. In all cases, dBm are calculated relative to an
impedance of 50 Ω. To convert between dBm and volts in a
50 Ω system, the following equations can be used. Figure 48
shows this conversion in graphical form.
()
()
()
()2
2
20
10log
W
0.001
Ω
50
10log
dBm
rms
V
rms
V
Power
=
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎣
⎡
=
()
20
/10
log
10
log
Ω
50
W
0.001
1
1
dBm
dBm
rms
V
−
−
=
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
V rms
dBm
+20
+10
0
–10
–20
–30
–40
1
0.1
0.01
0.001
Figure 48. Conversion from dBm to rms Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com