Electronic Components Datasheet Search
  English  ▼

X  

AD8361ARM Datasheet(PDF) 22 Page - Analog Devices

Part # AD8361ARM
Description  LF to 2.5 GHz TruPwr??Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARM Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8361ARM Datasheet HTML 16Page - Analog Devices AD8361ARM Datasheet HTML 17Page - Analog Devices AD8361ARM Datasheet HTML 18Page - Analog Devices AD8361ARM Datasheet HTML 19Page - Analog Devices AD8361ARM Datasheet HTML 20Page - Analog Devices AD8361ARM Datasheet HTML 21Page - Analog Devices AD8361ARM Datasheet HTML 22Page - Analog Devices AD8361ARM Datasheet HTML 23Page - Analog Devices AD8361ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8361
Rev. C | Page 22 of 24
1
2
3
4
8
7
6
5
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
C2
0.01
µF
C3
100pF
C1
100pF
C5
RFIN
Vrms
VPOS
VS
SW2
VS
SW3
SW1
A
B
A
B
1nF
A
B
TP2
TP1
VPOS
VPOS
R2
75
Ω
R4
0
Ω
R6
0
Ω
C4
(OPEN)
R5
(OPEN)
Figure 65. Evaluation Board Schematic, MSOP
Figure 66. Layout of Component Side, MSOP
Figure 67. Silkscreen of Component Side, MSOP
R2
75
Ω
R7
50
Ω
R4
0
Ω
C2
0.01
µF
C1
100pF
C3
100pF
C5
1nF
J2
J3
J1
TP2
C4
(OPEN)
R5
(OPEN)
AD8361
VPOS
RFIN
PWDN
VRMS
FLTR
COMM
TP1
SW1
1
2
3
VPOS
1
2
3
6
5
4
Figure 68. Evaluation Board Schematic, SOT-23
Figure 69. Layout of the Component Side, SOT-23
Figure 70. Silkscreen of the Component Side, SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com