Electronic Components Datasheet Search
  English  ▼

X  

L6460TR Datasheet(PDF) 54 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 50Page - STMicroelectronics L6460TR Datasheet HTML 51Page - STMicroelectronics L6460TR Datasheet HTML 52Page - STMicroelectronics L6460TR Datasheet HTML 53Page - STMicroelectronics L6460TR Datasheet HTML 54Page - STMicroelectronics L6460TR Datasheet HTML 55Page - STMicroelectronics L6460TR Datasheet HTML 56Page - STMicroelectronics L6460TR Datasheet HTML 57Page - STMicroelectronics L6460TR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 139 page
background image
Switching regulator controller
L6460
54/139
Doc ID 17713 Rev 1
13.2
Output equivalent circuit
The switching regulator controller output driving stage can be represented with an
equivalent circuit as in the Figure 13:
Figure 13.
Switching regulator controller output driving: equivalent circuit
As can be seen from the above figure, the external switch gate is charged with a current
generator ISOURCE and it is discharged towards ground with a current generator ISINK that is
applied for a TSINK pulse while an equivalent resistor RSUSTAIN is connected between gate
and source until the sink command is present.
13.3
Switching regulator controller application considerations
This controller can implement a step-down switching regulator used to provide a regulated
voltage in the range 0.8 V – 32 V. Such kind of variation could be managed by considering
some constraints in the application and particularly by choosing the correct feedback
reference voltage as indicated in the Table 13.
VSWDRV_gate
VPUMP
ISOURCE
VSWDRV_SW
RSUSTAIN
Source command
Sink pulse command
ISINK
Sink command
Tsink
Table 13.
Switching regulator controller application: feedback reference
Output regulated voltage range
Feedback voltage reference
0.8V
≤ V
out < 5V
0.8V - 1V
5V
≤ V
out ≤ 32V
2.5V - 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com