Electronic Components Datasheet Search
  English  ▼

X  

L6460TR Datasheet(PDF) 51 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 47Page - STMicroelectronics L6460TR Datasheet HTML 48Page - STMicroelectronics L6460TR Datasheet HTML 49Page - STMicroelectronics L6460TR Datasheet HTML 50Page - STMicroelectronics L6460TR Datasheet HTML 51Page - STMicroelectronics L6460TR Datasheet HTML 52Page - STMicroelectronics L6460TR Datasheet HTML 53Page - STMicroelectronics L6460TR Datasheet HTML 54Page - STMicroelectronics L6460TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 139 page
background image
L6460
Main switching regulator
Doc ID 17713 Rev 1
51/139
Figure 11.
Main switching regulator functional blocks
In pulse skipping control the duty cycle must be chosen by the user depending on supply
voltage and output regulated voltage. Therefore the switching regulator has 4 possible duty
cycles that can be changed by writing the VmainSwSelPWM bits in the MainSwCfg register
according to following Table 10.
The output current is limited to a value that can be set by means of SelIlimit bit in the
MainSwCfg register according to following Table 11.
Table 10.
Main switching regulator PWM specification
MainSwCfg register
Duty cycle value
Comments
VmainSwSelPWM[1:0]
Typical
00
12%
01
15%
10
26%
Default state
11
63.5%
Table 11.
Main switching regulator current limit
SelIlimit
Current limit (min)
Comments
0
3.3A
Default state
12.3A
La
VSupply
C
High Side
Driver
Control
Logic
Current Sense
Charge pump Voltage
VSWmain_FB
Voltage
Loop Control
Regulator Ref
-
+
Under voltage
Threshold
Filter
Ra
Rb
From Central Logic
Regulator Freq
-
+
To Central Logic
Under voltage flag
VSWmain_SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com