Electronic Components Datasheet Search
  English  ▼

X  

L6460TR Datasheet(PDF) 77 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 73Page - STMicroelectronics L6460TR Datasheet HTML 74Page - STMicroelectronics L6460TR Datasheet HTML 75Page - STMicroelectronics L6460TR Datasheet HTML 76Page - STMicroelectronics L6460TR Datasheet HTML 77Page - STMicroelectronics L6460TR Datasheet HTML 78Page - STMicroelectronics L6460TR Datasheet HTML 79Page - STMicroelectronics L6460TR Datasheet HTML 80Page - STMicroelectronics L6460TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 139 page
background image
L6460
Power bridges
Doc ID 17713 Rev 1
77/139
the regulated current: the voltage provided at the IREF_FB pin will be compared to the
internal reference. L6460 has the possibility to choose between four voltage references
using the serial interface, writing the SelCurrRef[1:0] bits in the Aux3SwCfg1 register.
Regardless of the CurrRef voltage, if the IREF_FB pin remains below the chosen threshold,
the internal current limitation will work (typical Ilimit current 4A).
The battery charge profile can be chosen by fixing the desired CurrRef and FBRef internal
reference voltages and by choosing the desired V = f(I) trans-characteristic of the external
differential amplifier.
In the Figure 22 is shown a typical Li-Ion battery charge profile.
Figure 22.
Li-ion battery charge profile
The battery charge loop control can be used to implement a buck type switching regulator.
The regulated output voltage will be externally set by a resistor divider network connected to
VREF_FB pin, as already described and the current protection will be the one implemented
internally in the Bridge4 section.
Rapid charge
phase
Time
Voltage or Current
Blue=Battery Voltage
Red=Battery Current
FBRef depending
CurrRef depending
End Of Charge
Precharge
phase
Ichrg
Iprechrg
Vchrg
Veochrg
Ieochrg
Constant V.
phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com