Electronic Components Datasheet Search
  English  ▼

X  

L6460TR Datasheet(PDF) 92 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 88Page - STMicroelectronics L6460TR Datasheet HTML 89Page - STMicroelectronics L6460TR Datasheet HTML 90Page - STMicroelectronics L6460TR Datasheet HTML 91Page - STMicroelectronics L6460TR Datasheet HTML 92Page - STMicroelectronics L6460TR Datasheet HTML 93Page - STMicroelectronics L6460TR Datasheet HTML 94Page - STMicroelectronics L6460TR Datasheet HTML 95Page - STMicroelectronics L6460TR Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 139 page
background image
Interrupt controller
L6460
92/139
Doc ID 17713 Rev 1
Any event detection can be enabled and disabled by setting at logic level 1 the relative
enable bit in the interrupt controller configuration register (IntCrtlCfg).
The interrupt controller can be programmed to give a pulse when a monitored event
happens or to continuously maintaining the output active until the interrupt condition is
finished.
When programmed to signal the enabled events by giving pulses, the interrupt controller can
be configured to disable the event that caused the interrupt request until the firmware re-
enables it writing the relative bit in the control register (IntCrtlCtrl) or to continue to monitor
the event.
The GPIO output of this circuit can be programmed to be active high or active low.
WDWarn
Watch dog warning event
WD
Watch dog event
DigCmp
Digital comparator
ADCDone1
ADC conversion done 1
(1)
ADCDone2
ADC conversion done 2
(1)
Vloop1Ilim
AUX1 Ilimit event.
1.
This event is disabled if the related ADC channel is configured in continuous mode.
Table 36.
Interrupt controller event (continued)
Event
Event description
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com