Electronic Components Datasheet Search
  English  ▼

X  

L6460TR Datasheet(PDF) 109 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 109 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 105Page - STMicroelectronics L6460TR Datasheet HTML 106Page - STMicroelectronics L6460TR Datasheet HTML 107Page - STMicroelectronics L6460TR Datasheet HTML 108Page - STMicroelectronics L6460TR Datasheet HTML 109Page - STMicroelectronics L6460TR Datasheet HTML 110Page - STMicroelectronics L6460TR Datasheet HTML 111Page - STMicroelectronics L6460TR Datasheet HTML 112Page - STMicroelectronics L6460TR Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 139 page
background image
L6460
GPIO pins
Doc ID 17713 Rev 1
109/139
22.6
GPIO[5]
The GPIO[5] truth table is (for the abbreviation list please refer to Table 40).
Table 46.
GPIO[5] truth table
Master(1)
1.
Master bit is at logic level “1” when
L6460 is used as a master device (seeChapter 8)
AUX1
system
and
Vloop1
external(2)
2.
This bit is at logic level “1” if AUX1 regulator is a system regulator but its power stage is externally realized
(and therefore the regulation loop is not used to drive bridge 3). In this case Vloop1IsSys bit will be at logic
level “1”, while Vloop1OnMtr3SideA and Vloop1OnMtr3SideB bits will be at logic level “0” in
CoreConfigReg register.
GPIO[5] SPI BITS
Function
Note
GpioOut
enable[5]
Mode[2]
Mode[1]
Mode[0]
1
X
X
X
X
X
Slave control
0
1
X
X
X
X
Reg Loop1 OUT
(3)
3.
In all configurations in which GPIO[5] is enabled as output:
a) the GPIO[5] pin can be always used as an analog input to the ADC system (ADC function) by writing its
address in the A2DChannelX[4:0] in the A2DConfigX register and starting a conversion;
b) the GPIO[5] pin can be always used as a digital input so its value can be always read through SPI
interface (SPI_IN function);
c)
the GPIO[5] pin is a rail to rail, back to back output supplied by V3v3.
0
0
0
X
X
X
HiZ (SPI_IN)
0
0
1
0
0
0
SPI OUT
(3)
00
1
0
0
1
Comp1OUT
(3)
0
0
1
0
1
0
Reg Loop1 OUT
(3)
0
0
1
0
1
1
AuxPwm3
(3)
0
0
1
1
0
0
SPI OUT inverted
(3)
0
0
1
1
0
1
Comp1OUT inverted
(3)
00
1
1
1
0
Reg Loop1 OUT
inverted
(3)
0
0
1
1
1
1
AuxPwm3 inverted
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com