Electronic Components Datasheet Search
  English  ▼

X  

ATA5021 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA5021
Description  Low Current Consumption: IVDD < 25 關A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5021 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA5021 Datasheet HTML 3Page - ATMEL Corporation ATA5021 Datasheet HTML 4Page - ATMEL Corporation ATA5021 Datasheet HTML 5Page - ATMEL Corporation ATA5021 Datasheet HTML 6Page - ATMEL Corporation ATA5021 Datasheet HTML 7Page - ATMEL Corporation ATA5021 Datasheet HTML 8Page - ATMEL Corporation ATA5021 Datasheet HTML 9Page - ATMEL Corporation ATA5021 Datasheet HTML 10Page - ATMEL Corporation ATA5021 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
9145D–AUTO–05/10
ATA5021
3.6
Microcontroller in Sleep Mode
3.6.1
Monitoring with the “Long” Trigger Window
The long watchdog mode allows cyclical wake-up of the microcontroller during sleep mode. As
in short watchdog mode, there is a disable time, t
4, and an enable time, t5, in which a trigger sig-
nal is accepted. The watchdog can be switched from the short trigger window to the long trigger
window with a “high” potential at the mode pin (pin 3). In contrast to the short watchdog mode,
the time periods are now much longer and the enable output remains inactive so that other com-
ponents can be switched off to effect a further decrease in current consumption. As soon as a
wake-up signal at the wake-up input (pins 1) is detected, the long watchdog mode ends, a reset
pulse wakes-up the sleeping microcontroller and the normal monitoring cycle starts with the
mode switch-over time.
Figure 3-4 shows the switch-over from the short to the long watchdog mode. The wake-up signal
during the enable time, t
5, activates a reset pulse, t6.
The watchdog can be switched back from the long to the short watchdog mode with a low poten-
tial at the mode pin (pin 3).
Figure 3-4.
Pulse Diagram of the Long Watchdog Time
3.7
Reset-Out, Pin 5
The Reset-out pin functionality is guaranteed for supply voltage down to 1V. In case of a voltage
drop, the microcontroller gets a reset up to that value.
Reset out
Wake-up
Mode
Trigger
Enable
Pin 4
Pin 2
Pin 3
Pin 1
Pin 5
t2
t1
t6
t4
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com