Electronic Components Datasheet Search
  English  ▼

X  

ATA5021 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA5021
Description  Low Current Consumption: IVDD < 25 關A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5021 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA5021 Datasheet HTML 1Page - ATMEL Corporation ATA5021 Datasheet HTML 2Page - ATMEL Corporation ATA5021 Datasheet HTML 3Page - ATMEL Corporation ATA5021 Datasheet HTML 4Page - ATMEL Corporation ATA5021 Datasheet HTML 5Page - ATMEL Corporation ATA5021 Datasheet HTML 6Page - ATMEL Corporation ATA5021 Datasheet HTML 7Page - ATMEL Corporation ATA5021 Datasheet HTML 8Page - ATMEL Corporation ATA5021 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
• Low Current Consumption: I
VDD < 25 µA
• RC Oscillator
• Internal Reset During Power-up and Supply Voltage Drops (POR)
• “Short” Trigger Window for Active Mode
• “Long” Trigger Window for Sleep Mode
• Cyclical Wake-up of the Microcontroller in Sleep Mode
• Trigger Input
• Single Wake-up Input
• Reset Output
• Enable Output
1.
Description
The digital window watchdog timer, ATA5021, is designed in Atmel
®’s state-of-the-art
0.8 µm SOI technology SMART-I.S.™1. In applications where safety is critical, it is
especially important to monitor the microcontroller. Normal microcontroller operation
is indicated by a cyclically transmitted trigger signal, which is received by a window
watchdog timer within a defined time window.
A missing or a wrong trigger signal causes the watchdog timer to reset the microcon-
troller. The IC is tailored for microcontrollers, which can work in both full-power and
sleep mode. With an additional voltage monitoring (power-on reset and supply voltage
drop reset), the ATA5021 offers a complete monitoring solution for micro-systems in
automotive and industrial applications.
Digital Window
Watchdog Timer
ATA5021
9145D–AUTO–05/10


Similar Part No. - ATA5021

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5275 ATMEL-ATA5275 Datasheet
324Kb / 16P
125 kHz TRANSMITTER IC FOR TPM
ATA5275-PGQ ATMEL-ATA5275-PGQ Datasheet
324Kb / 16P
125 kHz TRANSMITTER IC FOR TPM
ATA5276 ATMEL-ATA5276 Datasheet
398Kb / 18P
125 kHz Transmitter IC for TPM
ATA5277 ATMEL-ATA5277 Datasheet
330Kb / 20P
STAND-ALONE ANTENNA DRIVER
ATA5278 ATMEL-ATA5278 Datasheet
484Kb / 33P
STAND-ALONE ANTENNA DRIVER
More results

Similar Description - ATA5021

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
Infineon Technologies A...
TLE7469 INFINEON-TLE7469_08 Datasheet
284Kb / 21P
Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com