Electronic Components Datasheet Search
  English  ▼

X  

ATA5021 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA5021
Description  Low Current Consumption: IVDD < 25 關A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5021 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA5021 Datasheet HTML 5Page - ATMEL Corporation ATA5021 Datasheet HTML 6Page - ATMEL Corporation ATA5021 Datasheet HTML 7Page - ATMEL Corporation ATA5021 Datasheet HTML 8Page - ATMEL Corporation ATA5021 Datasheet HTML 9Page - ATMEL Corporation ATA5021 Datasheet HTML 10Page - ATMEL Corporation ATA5021 Datasheet HTML 11Page - ATMEL Corporation ATA5021 Datasheet HTML 12Page - ATMEL Corporation ATA5021 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
9145D–AUTO–05/10
ATA5021
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pin
Symbol
Min.
Max.
Unit
Voltage range on pin VDD
V
VDD,max
–0.4
+6.5
V
Voltage range on pins
V
IO,max
–0.4
V
VDD + 0.4
V
Output current
I
OUT,max
–2
+2
mA
HBM ESD
ANSI/ESD-STM5.1
JESD22-A114
AEC-Q100 (002)
V
ESD,HBM
±2
kV
Ambient temperature range
T
amb
–40
+125
°C
Storage temperature range
T
sto
–55
+150
°C
6.
Thermal Resistance
Parameters
Symbol
Value
Unit
Thermal case resistance junction ambient
RthJA
180
K/W
7.
Electrical Characteristics
V
VDD = 5V, Tamb = –40°C to +125°C, reference point is pin 7, unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
Power Supply
1.1
Current Consumption
VVDD = 5V
R1 = 66 kΩ
C
1 = 470 pF
6IVDD
25
µA
A
1.2
Power-on-reset
Release reset state with
rising supply voltage
6VPOR1
3.9
4.5
V
A
1.3
Get reset state with
falling supply voltage
6V
POR2
3.8
4.4
V
A
1.4
POR hysteresis
6
VPOR,hys
40
200
mV
A
1.5
Reset Level for low V
DD
VVDD = 1V to VPOR1
IRTO = 300 µA
5V
RST
0.1
V
VDD
A
Inputs
2.1
Logical “high”
VVDD = 5V
1, 2, 3
VIH
3.4
V
A
2.2
Logical “low”
VVDD = 5V
1, 2, 3
VIL
1.6
V
A
2.3
Hysteresis
VVDD = 5V
1, 2, 3
VIN_hys
0.6
1
1.4
V
A
2.4
Pull-down current
VIN = 5V
VVDD = 5V
1I
PD
520
µA
A
2.5
Pull-up current
V
IN = 0V
V
VDD = 5V
2, 3
IPU
–20
–5
µA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. Frequency deviation also depends on the tolerances of the external components
2. Cycle = Period of clock frequency (see Section 3.2 on page 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com