Electronic Components Datasheet Search
  English  ▼

X  

ATA5021 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA5021
Description  Low Current Consumption: IVDD < 25 關A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5021 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA5021 Datasheet HTML 1Page - ATMEL Corporation ATA5021 Datasheet HTML 2Page - ATMEL Corporation ATA5021 Datasheet HTML 3Page - ATMEL Corporation ATA5021 Datasheet HTML 4Page - ATMEL Corporation ATA5021 Datasheet HTML 5Page - ATMEL Corporation ATA5021 Datasheet HTML 6Page - ATMEL Corporation ATA5021 Datasheet HTML 7Page - ATMEL Corporation ATA5021 Datasheet HTML 8Page - ATMEL Corporation ATA5021 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
9145D–AUTO–05/10
ATA5021
The clock frequency determines all time periods of the logical part as shown in Section 7. “Elec-
trical Characteristics” on page 9 under the subheading “Timing”.
3.3
Supply Voltage Monitoring, Pin 5
During ramp-up of the supply voltage and in the case of supply-voltage drops, the integrated
power-on reset (POR) circuitry sets the internal logic to a defined basic status and generates a
reset pulse at the reset output, pin 5. A hysteresis in the POR threshold prevents the circuit from
oscillating. During ramp-up of the supply voltage, the reset output stays active for a specified
period of time (t
0) in order to bring the microcontroller into its defined reset status (see Figure 3-1
on page 5).
3.4
Switch-over Mode Time, Pin 3
The switch-over mode time enables the synchronous operation of microcontroller and watchdog.
When the power-on reset time has elapsed, the watchdog has to be switched to monitoring
mode by the microcontroller by a “low” signal transmitted to the mode pin (pin 3) within the
time-out period, t
1. If the low signal does not occur within t1 (see Figure 3-1 on page 5), the
watchdog generates a reset pulse, t
6, and t1 starts again. Microcontroller and watchdog are syn-
chronized with the switch-over mode time, t
1, each time a reset pulse is generated.
Figure 3-1.
Power-on Reset and Switch-over Mode
81.20
0.47
63.47
63.75
1.6%
81.20
1.04
136.32
135.00
1.9%
81.20
4.75
595.56
592.50
0.7%
81.20
10.49
1253.21
1240.00
1.3%
100.00
0.23
40.07
38.88
–2.1%
100.00
0.47
78.07
78.00
1.2%
100.00
1.04
167.76
164.00
–1.7%
100.00
4.75
733.17
730.00
0.9%
100.00
10.49
1542.84
1530.00
0.5%
119.50
0.23
47.81
46.38
–1.7%
119.50
0.47
93.20
93.00
0.8%
119.50
1.04
200.37
200.25
1.1%
119.50
4.75
875.90
870.00
0.5%
119.50
10.49
1843.26
1835.00
0.9%
Table 3-1.
Comparison Table Clock Period Calculation versus Measurement on Test Board
R1 (k
Ω)C1 (nF)
Period “T” (µs) by
New Formula
Period “T” (µs) by
Measurement
Deviation of New
Formula versus
Measurement
VDD
Reset out
Mode
Pin 3
Pin 5
Pin 6
t0
t1
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com