Electronic Components Datasheet Search
  English  ▼

X  

TAS5717 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5717
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5717 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5717 Datasheet HTML 1Page - Texas Instruments TAS5717 Datasheet HTML 2Page - Texas Instruments TAS5717 Datasheet HTML 3Page - Texas Instruments TAS5717 Datasheet HTML 4Page - Texas Instruments TAS5717 Datasheet HTML 5Page - Texas Instruments TAS5717 Datasheet HTML 6Page - Texas Instruments TAS5717 Datasheet HTML 7Page - Texas Instruments TAS5717 Datasheet HTML 8Page - Texas Instruments TAS5717 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
Check for Samples: TAS5717, TAS5719
1
FEATURES
2
•
Audio Input/Output
•
Benefits
– TAS5717 Supports 2×10 W and TAS5719
– EQ: Speaker Equalization Improves Audio
Supports 2
×15 W Output
Performance
– Wide PVDD Range, From 4.5 V to 26 V
– DRC: Dynamic Range Compression. Can
Be Used As Power Limiter. Enables
– Efficient Class-D Operation Eliminates
Speaker Protection, Easy Listening,
Need for Heatsinks
Night-Mode Listening
– Requires Only 3.3 V and PVDD
– DirectPath Technology: Eliminates Bulky
– One Serial Audio Input (Two Audio
DC Blocking Capacitors
Channels)
– Stereo Headphone/Stereo Line Drivers:
– I2C Address Selection via PIN (Chip Select)
Adjust Gain via External Resistors,
– Supports 8-kHz to 48-kHz Sample Rate
Dedicated Active Headpone Mute Pin, High
(LJ/RJ/I2S)
Signal-to-Noise Ratio
– External Headphone-Amplifier Shutdown
– Two-Band DRC: Set Two Different
Signal
Thresholds for Low- and High-Frequency
– Integrated CAP-Free Headphone Amplifier
Content
– Stereo Headphone (Stereo 2-V RMS Line
Driver) Outputs
DESCRIPTION
•
Audio/PWM Processing
The TAS5717/TAS5719 is a 10-W/15-W, efficient,
digital
audio-power
amplifier
for
driving
stereo
– Independent Channel Volume Controls With
bridge-tied speakers. One serial data input allows
24-dB to Mute
processing of up to two discrete audio channels and
– Programmable Two-Band Dynamic Range
seamless integration to most digital audio processors
Control
and MPEG decoders. The device accepts a wide
– 14 Programmable Biquads for Speaker EQ
range
of
input
data
and
data
rates.
A
fully
programmable data path routes these channels to the
– Programmable Coefficients for DRC Filters
internal speaker drivers.
– DC Blocking Filters
The TAS5717/9 is a slave-only device receiving all
– 0.125-dB Fine Volume Support
clocks from external sources. The TAS5717/TAS5719
•
General Features
operates with a PWM carrier between a 384-kHz
– Serial Control Interface Operational Without
switching
rate
and
a
352-KHz
switching
rate,
MCLK
depending on the input sample rate. Oversampling
combined with a fourth-order noise shaper provides a
– Factory-Trimmed Internal Oscillator for
flat noise floor and excellent dynamic range from
Automatic Rate Detection
20 Hz to 20 kHz.
– Surface Mount, 48-Pin, 7-mm × 7-mm
HTQFP Package
– AD, BD, and Ternary PWM-Mode Support
– Thermal and Short-Circuit Protection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FilterPro is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5717

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5717 TI-TAS5717 Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI1-TAS5717 Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717PHP TI-TAS5717PHP Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717PHPR TI-TAS5717PHPR Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI1-TAS5717_14 Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
More results

Similar Description - TAS5717

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_07 Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
logo
Texas Instruments
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TAS5717PHP TI-TAS5717PHP Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TAS5717 TI1-TAS5717_14 Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com