Electronic Components Datasheet Search
  English  ▼

X  

TAS5717 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5717
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5717 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5717 Datasheet HTML 12Page - Texas Instruments TAS5717 Datasheet HTML 13Page - Texas Instruments TAS5717 Datasheet HTML 14Page - Texas Instruments TAS5717 Datasheet HTML 15Page - Texas Instruments TAS5717 Datasheet HTML 16Page - Texas Instruments TAS5717 Datasheet HTML 17Page - Texas Instruments TAS5717 Datasheet HTML 18Page - Texas Instruments TAS5717 Datasheet HTML 19Page - Texas Instruments TAS5717 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
Supply Voltage (V)
8
10
12
14
16
18
20
22
24
26
0
5
10
15
20
25
30
35
40
RL = 8Ω
TA = 25°C
THD+N = 1%
THD+N = 10%
Total Output Power (W)
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
RL = 8Ω
TA = 25°C
PVDD = 8V
PVDD = 12V
PVDD = 18V
PVDD = 24V
Supply Voltage (V)
8
10
12
14
16
18
20
22
24
26
0
5
10
15
20
25
30
35
40
RL = 8Ω
TA = 25°C
THD+N = 1%
THD+N = 10%
Total Output Power (W)
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
RL = 8Ω
TA = 25°C
PVDD = 8V
PVDD = 12V
PVDD = 18V
PVDD = 24V
TAS5717
TAS5719
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION, 8
Ω (continued)
SPACER
SPACER
TAS5717
TAS5717
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
NOTE: Dashed lines represent thermally limited region.
NOTE: Dashed lines represent thermally limited region.
Figure 13.
Figure 14.
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
TAS5719
TAS5719
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
NOTE: Dashed lines represent thermally limited region.
NOTE: Dashed lines represent thermally limited region.
Figure 15.
Figure 16.
16
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS5717 TAS5719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com