Electronic Components Datasheet Search
  English  ▼

X  

LB1821 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LB1821 Datasheet HTML 6Page - Sanyo Semicon Device LB1821 Datasheet HTML 7Page - Sanyo Semicon Device LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device LB1821 Datasheet HTML 10Page - Sanyo Semicon Device LB1821 Datasheet HTML 11Page - Sanyo Semicon Device LB1821 Datasheet HTML 12Page - Sanyo Semicon Device LB1821 Datasheet HTML 13Page - Sanyo Semicon Device LB1821 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Output system ground ... Ground for Rf and the output diodes
Signal system ground ... Ground for the IC and the IC external components
15. VREG Pin
If a motor drive system is formed from a single power supply, the VREG pin (pin 33) can be used to create the power-
supply voltage (about 6.3 V) for this IC. The VREG pin is a shunt regulator and generates a voltage of about 7 volts by
passing a current through an external resistor. A stable voltage can be generated by setting the current to value in the
range 1 to 7 mA. The external transistors must have current capacities of at least 80 mA (to cover the ICC + Hall bias
current + output current <source> requirements) and they must have voltage handling capacities in excess of the
motor power-supply voltage. Since the heat generated by these transistor may be a problem, heat sinks may be
required depending on the packages used. If the IC power-supply voltage (4.4 to 7.0 V) is provided from an external
circuit, apply that voltage directly to the VCC pin(pin 32). In that case, the VREG pin must either be left open or
connected to ground.
16. FG Amplifier
Normally, the FG amplifier is used to construct a filter amplifier such as that shown in the application circuit to reject
noise. Since a Schmitt comparator is connected after the FG amplifier, applications must set the amplification so that
the amplifier output amplitude is at least 250 mV p-p. (However, a setting that results in an amplitude of 1 to 3 V p-p
during steady-state rotation is desirable.) The capacitor connected between the FGIN+ pin (pin 15) and ground is
required for bias voltage stabilization and to generate the initial reset pulse for the internal logic. The reset pulse is
generated in the time it takes for the FGIN+ pin to go from 0 to about 1.3 V.
17. Integrating Amplifier
The integrating amplifier integrates the speed error pulses and the phase error pulses and converts them to a speed
command voltage. At the same time it also sets the control loop gain and frequency characteristics using external
components. The integrating amplifier output (pin 1) is normally connected to the TOC pin (pin 44) by an external
line. Separating the integrating amplifier output and the PWM control circuit allows applications to switch the
integrating amplifier constants using an external operational amplifier, analog switch, or other circuit. This is useful
in applications that require integration constant switching due to a wide range of variability in the motor speeds that
must be provided.
18. VCO Filter Amplifier
The VCO filter amplifier converts the VCO system PLL output to the VCO voltage. The amplifier input resistor
(about 10 k
Ω) is built in. Therefore, the gain and the frequency characteristics are set by the feedback resistor and the
feedback capacitor. Since the range of frequency variation supported becomes narrower as the gain is reduced, it is
desirable to set the gain of this amplifier to be 1 or higher.
19. Startup Techniques
If the motor is started and stopped repeatedly over a short period, the charge accumulated on the integrating
amplifier’s external capacitor may become a problem. (This can result in abnormal speed overshooting at startup and
other problems.) The circuit shown below can be effective at resolving this problem.
No. 5686-10/16
LB1821M
Added circuit
S/S signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com