Electronic Components Datasheet Search
  English  ▼

X  

LB1821 Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device LB1821 Datasheet HTML 10Page - Sanyo Semicon Device LB1821 Datasheet HTML 11Page - Sanyo Semicon Device LB1821 Datasheet HTML 12Page - Sanyo Semicon Device LB1821 Datasheet HTML 13Page - Sanyo Semicon Device LB1821 Datasheet HTML 14Page - Sanyo Semicon Device LB1821 Datasheet HTML 15Page - Sanyo Semicon Device LB1821 Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
No. 5686-12/16
LB1821M
Continued from preceding page.
Pin No.
Pin
Functions
Equivalent circuit
6
BR
Brake control (short braking operation)
Low: 0 to 1.5 V
High: 4.0 V to VCC
An open state functions as a high-level input.
Low for start, high or open for brake mode operation.
The hysteresis is about 0.45 V.
7
F/R
Forward/reverse control
Low: 0 to 1.5 V
High: 4.0 V to VCC
An open state functions as a high-level input.
Low for forward, high or open for reverse rotation.
The hysteresis is about 0.45 V.
8
CLK
External clock signal input
Low: 0 to 1.5 V
High: 4.0 V to VCC
An open state functions as a high-level input.
The hysteresis is about 0.45 V.
f = 10 kHz, maximum
9
S/S
Start/stop control
Low: 0 to 1.5 V
High: 4.0 V to VREG
An open state functions as a high-level input.
Low for start, high or open for stop mode operation.
The hysteresis is about 0.45 V.
10
N1
Speed discriminator count switching
Low: 0 to 1.5 V
High: 4.0 V to VCC
An open state functions as a high-level input.
The hysteresis is about 0.45 V.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com