Electronic Components Datasheet Search
  English  ▼

X  

LB1821 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LB1821 Datasheet HTML 7Page - Sanyo Semicon Device LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device LB1821 Datasheet HTML 10Page - Sanyo Semicon Device LB1821 Datasheet HTML 11Page - Sanyo Semicon Device LB1821 Datasheet HTML 12Page - Sanyo Semicon Device LB1821 Datasheet HTML 13Page - Sanyo Semicon Device LB1821 Datasheet HTML 14Page - Sanyo Semicon Device LB1821 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
No. 5686-11/16
LB1821M
Pin No.
Pin
Functions
Equivalent circuit
Pin Functions
1
INTOUT
Integrating amplifier output (speed control)
2
INTIN
Integrating amplifier inverting input
43
INTREF
Integrating amplifier noninverting input
(a potential of 1/2 VCC)
3
DOUT
Speed discriminator output
Outputs a low level for over speed.
Acceleration
→ high, deceleration → low
4
POUT
Speed control system PLL output
Outputs the phase comparison result for
1/2 fCLK and 1/2 fFG.
5
LD
Speed lock detection output
Open collector output
Goes low when the motor speed is within the speed lock
range (±6.25%).
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com