Electronic Components Datasheet Search
  English  ▼

X  

LB1821 Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LB1821
Description  Power Brushless Motor Pre-Driver IC for OA Equipment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1821 Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LB1821 Datasheet HTML 8Page - Sanyo Semicon Device LB1821 Datasheet HTML 9Page - Sanyo Semicon Device LB1821 Datasheet HTML 10Page - Sanyo Semicon Device LB1821 Datasheet HTML 11Page - Sanyo Semicon Device LB1821 Datasheet HTML 12Page - Sanyo Semicon Device LB1821 Datasheet HTML 13Page - Sanyo Semicon Device LB1821 Datasheet HTML 14Page - Sanyo Semicon Device LB1821 Datasheet HTML 15Page - Sanyo Semicon Device LB1821 Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
No. 5686-15/16
LB1821M
Continued from preceding page.
Pin No.
Pin
Functions
Equivalent circuit
33
VREG
7-V shunt regulator output
34
CR
PWM oscillator frequency setting
35
CROCK
Reference signal oscillator connection. This oscillator is
used by the motor constraint detection circuit, the clock
disconnection protection circuit, and other circuits.
A protection operation time of about 2.1 seconds can be set
up by connecting a capacitor of about 0.047 µF between
this pin and ground.
36
R
Setting for the charge current used for the VCO circuit C pin
Connect a resistor between this pin and ground. The value
of that resistor must not be lower than 2.7 k
Ω.
37
C
VCO oscillator connection. This pin sets the VCO
frequency.
Connect a capacitor between this pin and ground.
Set the value of the capacitor so that the oscillator
frequency does not exceed 1 MHz.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com