Electronic Components Datasheet Search
  English  ▼

X  

LB1847 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LB1847
Description  PWM Current Control Type Stepping Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1847 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LB1847 Datasheet HTML 8Page - Sanyo Semicon Device LB1847 Datasheet HTML 9Page - Sanyo Semicon Device LB1847 Datasheet HTML 10Page - Sanyo Semicon Device LB1847 Datasheet HTML 11Page - Sanyo Semicon Device LB1847 Datasheet HTML 12Page - Sanyo Semicon Device LB1847 Datasheet HTML 13Page - Sanyo Semicon Device LB1847 Datasheet HTML 14Page - Sanyo Semicon Device LB1847 Datasheet HTML 15Page - Sanyo Semicon Device LB1847 Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LB1847
No. 5982-13/16
Sample Application Circuit
Notes on Usage
1. External diodes
Because this IC uses top-side transistor switching in SLOW DECAY mode and dual-side transistor switching in FAST DECAY
mode, it requires external diodes between the OUT pins and ground, for the regenerative current during switching OFF. Use Schottky
barrier diodes with low VF.
2. VREF pin
Because the VREF pin serves for input of the set current reference voltage, precautions against noise must be taken. The input voltage
range is 0 to 3.0V.
3. GND pin
The ground circuit for this IC must be designed so as to allow for high-current switching. Blocks where high current flows must use
low-impedance patterns and must be removed from small-signal lines. Especially the ground connection for the sensing resistor RE
at pin E, and the ground connection for the Schottky barrier diodes should be in close proximity to the IC ground.
The capacitors between VCC and ground, and VBB and ground should be placed close to the VCC and VBB pins, respectively.
A11320
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
23456
789
10
11
12
13
14
10
µF
5V
470 pF
470 pF
47
µF
42V
0.51
Ω
0.51
Ω
15 k
Ω
15 k
Ω
1.5V
1.5V to 4.0V
SBD
SBD
SBD
SBD
L
L
Logic input
LB1847
voltage setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com