Electronic Components Datasheet Search
  English  ▼

X  

LB1847 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1847
Description  PWM Current Control Type Stepping Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1847 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1847 Datasheet HTML 1Page - Sanyo Semicon Device LB1847 Datasheet HTML 2Page - Sanyo Semicon Device LB1847 Datasheet HTML 3Page - Sanyo Semicon Device LB1847 Datasheet HTML 4Page - Sanyo Semicon Device LB1847 Datasheet HTML 5Page - Sanyo Semicon Device LB1847 Datasheet HTML 6Page - Sanyo Semicon Device LB1847 Datasheet HTML 7Page - Sanyo Semicon Device LB1847 Datasheet HTML 8Page - Sanyo Semicon Device LB1847 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LB1847
No. 5982-4/16
PHASE
ENABLE
HL
HL
LLL
H
HOFF
OFF
Truth table
Set current truth table
* Current ratio (%) is the calculated set current value.
Current decay switching truth table
Current decay mode
DECAY pin
MD pin
Output chopping
SLOW DECAY
H
L
Top-side chopping
FAST DECAY
L
L
Dual-side chopping
4V to 1.5V input
CR voltage > MD : dual-side chopping
voltage setting
CR voltage < MD : top-side chopping
MIX DECAY
L
OUTA
OUTA
Set current Iout
Current ratio (%)
1111
100
1110
95.65
1101
91.30
1100
86.95
1011
82.61
1010
78.26
1001
73.91
1000
69.56
0111
60.87
0110
52.17
0101
43.48
0100
34.78
0011
26.08
0010
17.39
IA4IA3
IA2
IA1
11.5/11.5 X VREF/3.04RE=Iout
11.0/11.5 X VREF/3.04RE=Iout
10.5/11.5 X VREF/3.04RE=Iout
10.0/11.5 X VREF/3.04RE=Iout
9.5/11.5 X VREF/3.04RE=Iout
9.0/11.5 X VREF/3.04RE=Iout
8.5/11.5 X VREF/3.04RE=Iout
2.0/11.5 X VREF/3.04RE=Iout
8.0/11.5 X VREF/3.04RE=Iout
7.0/11.5 X VREF/3.04RE=Iout
6.0/11.5 X VREF/3.04RE=Iout
5.0/11.5 X VREF/3.04RE=Iout
4.0/11.5 X VREF/3.04RE=Iout
3.0/11.5 X VREF/3.04RE=Iout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com