Electronic Components Datasheet Search
  English  ▼

X  

LB1847 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1847
Description  PWM Current Control Type Stepping Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1847 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1847 Datasheet HTML 1Page - Sanyo Semicon Device LB1847 Datasheet HTML 2Page - Sanyo Semicon Device LB1847 Datasheet HTML 3Page - Sanyo Semicon Device LB1847 Datasheet HTML 4Page - Sanyo Semicon Device LB1847 Datasheet HTML 5Page - Sanyo Semicon Device LB1847 Datasheet HTML 6Page - Sanyo Semicon Device LB1847 Datasheet HTML 7Page - Sanyo Semicon Device LB1847 Datasheet HTML 8Page - Sanyo Semicon Device LB1847 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LB1847
No. 5982-2/16
Maximum Ratings at Ta = 25
°C
Specifications
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
50
V
Output peak current
1.75
A
Output continuous current
1.5
A
Logic supply voltage
7.0
V
Logic input voltage range
V
Emitter output voltage
1.0
V
Allowable power dissipation
Pd max
Ta=25
°C
3.0
W
With heat sink
20
W
Operating temperature range
Topr
°C
Storage temperature range
Tstg
°C
–20 to +85
–55 to +150
IOPEAK
IO max
VBB
tW≤20 µs
VE
VIN
VCC
–0.3 to VCC
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage range
10 to 45
V
Logic supply voltage range
4.75 to 5.25
V
Reference voltage range
0.0 to 3.0
V
VBB
VCC
VREF
0
–20
20
40
60
80
100
5
10
15
25
20
0
Ambient temperature, Ta – ˚C
Pd max – Ta
IC only
10.4
1.56
20.0
3.0
With an arbitrary large heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com