Electronic Components Datasheet Search
  English  ▼

X  

LB1847 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB1847
Description  PWM Current Control Type Stepping Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1847 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB1847 Datasheet HTML 3Page - Sanyo Semicon Device LB1847 Datasheet HTML 4Page - Sanyo Semicon Device LB1847 Datasheet HTML 5Page - Sanyo Semicon Device LB1847 Datasheet HTML 6Page - Sanyo Semicon Device LB1847 Datasheet HTML 7Page - Sanyo Semicon Device LB1847 Datasheet HTML 8Page - Sanyo Semicon Device LB1847 Datasheet HTML 9Page - Sanyo Semicon Device LB1847 Datasheet HTML 10Page - Sanyo Semicon Device LB1847 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LB1847
No. 5982-7/16
Sequence table
* : Iout percentage (%) is the calculated setting value.
No. IA4
IA3
IA2
IA1 ENA1 PHA1
Iout
IB4
IB3
IB2
IB1 ENA1 PHA1
Iout
0
1111
0
0
100%
0010
1
0%
√√√√
1
1111
0
0
100
0010
0
0
17.39
√
2
1111
0
0
100
0011
0
0
26.08
√√
3
1110
0
0
96.65
0100
0
0
34.78
√
4
1101
0
0
91.30
0101
0
0
43.48
√√√
5
1100
0
0
86.95
0110
0
0
52.17
√
6
1011
0
0
82.61
0111
0
0
60.87
√√
7
1010
0
0
78.26
1000
0
0
69.56
√
8
1001
0
0
73.91
1001
0
0
73.91
√√√√
9
1000
0
0
69.56
1010
0
0
78.26
√
10
0111
0
0
60.87
1011
0
0
82.61
√√
11
0110
0
0
52.17
1100
0
0
86.95
√
12
0101
0
0
43.48
1101
0
0
91.30
√√√
13
0100
0
0
34.78
1110
0
0
96.65
√
14
0011
0
0
26.08
1111
0
0
100
√√
15
0010
0
0
17.39
1111
0
0
100
√
16
0001
1
*
0
1111
0
0
100
√√√√
17
0010
0
1
17.39
1111
0
0
100
√
18
0011
0
1
26.08
1111
0
0
100
√√
19
0100
0
1
34.78
1110
0
0
95.65
√
20
0101
0
1
43.48
1101
0
0
91.30
√√√
21
0110
0
1
52.17
1100
0
0
86.95
√
22
0111
0
1
60.87
1011
0
0
82.61
√√
23
1000
0
1
69.56
1010
0
0
78.26
√
24
1001
0
1
73.91
1001
0
0
73.91
√√√√
25
1010
0
1
78.26
1000
0
0
69.56
√
26
1011
0
1
82.61
0111
0
0
60.87
√√
27
1100
0
1
86.95
0110
0
0
52.17
√
28
1101
0
1
91.30
0101
0
0
43.48
√√√
29
1110
0
1
95.65
0100
0
0
34.78
√
30
1111
0
1
100
0011
0
0
26.08
√√
31
1111
0
1
100
0010
0
0
17.39
√
Phase A
Phase B
Phase 1-2
Phase W1-2
Phase 2W1-2
Phase 4W1-2
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com