Electronic Components Datasheet Search
  English  ▼

X  

LB1895 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB1895
Description  3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1895 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LB1895 Datasheet HTML 4Page - Sanyo Semicon Device LB1895 Datasheet HTML 5Page - Sanyo Semicon Device LB1895 Datasheet HTML 6Page - Sanyo Semicon Device LB1895 Datasheet HTML 7Page - Sanyo Semicon Device LB1895 Datasheet HTML 8Page - Sanyo Semicon Device LB1895 Datasheet HTML 9Page - Sanyo Semicon Device LB1895 Datasheet HTML 10Page - Sanyo Semicon Device LB1895 Datasheet HTML 11Page - Sanyo Semicon Device LB1895 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Continued from preceding page.
Pin No.
Symbol
Voltage
Equivalent circuit
Description
19 (20)
S/S
0 V to VCC1
75k
Ω
VCC1
50k
Ω
A06721
19
(20)
None of the circuits operate if the
voltage on this pin is 0.7 V or less,
or if this pin is open.
When driving the motor, the
voltage on this pin must be 2 V or
more.
20 (21)
SIG
GND
Ground connection for all circuits
except the outputs.
22 (25)
FC
VCC1
A06722
20k
Ω
5k
Ω
2k
Ω
22
(25)
Control loop frequency
characteristics compensation pin.
Connect a capacitor between this
pin and GND to stop closed loop
oscillation in the current control
system.
23 (26)
VCREF
2V to 3V
VCC1
A06723
200
Ω
200
Ω
100µA
100µA
24
(27)
23
(26)
Control reference voltage
application pin. This voltage
determines the control start
voltage.
24 (27)
VC
0 V toVCC1
Speed control voltage application
pin. V-type control, where:
VC>VCREF = forward and
VC<VCREF = reverse
25 (29)
WOUT
VCC2
A06724
7 (6)
25 1
2
(29)
27
(30)
W-phase output pin.
27 (30)
PWR
GND
Output transistor ground.
1VOUT
V-phase output pin.
2UOUT
U-phase output pin.
7 (6)
RF
Upper output NPN transistor
collector pin (three-phase
common). Connect a resistor
between VCC3 and the RF pin for
current detection. When this
voltage is detected, the constant
current control and current limiter
circuits function.
LB1895, 1895D
No.5634-8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com